Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 7Page - Texas Instruments LM3554 Datasheet HTML 8Page - Texas Instruments LM3554 Datasheet HTML 9Page - Texas Instruments LM3554 Datasheet HTML 10Page - Texas Instruments LM3554 Datasheet HTML 11Page - Texas Instruments LM3554 Datasheet HTML 12Page - Texas Instruments LM3554 Datasheet HTML 13Page - Texas Instruments LM3554 Datasheet HTML 14Page - Texas Instruments LM3554 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
LM3554
www.ti.com
SNVS549A – JUNE 2009 – REVISED APRIL 2011
Typical Performance Characteristics (continued)
VIN = 3.6V, LEDs are Lumiled PWF-4, COUT = 10µF, CIN = 4.7µF, L = FDSE0312-2R2 (2.2µH, RL = 0.15Ω), TA = +25°C unless
otherwise specified.
Closed Loop Current Limit
Closed Loop Current Limit
vs
vs
VIN
VIN
(Flash Duration Register bits [6:5] = 10, (2))
(Flash Duration Register bits [6:5] = 11, (2))
VIN Monitor Thresholds
OVP Thresholds
vs
vs
Temperature
VIN
(3)
Indicator Current
Short Circuit Current Limit
vs
vs
VIN, VLEDI = 2V
VIN
(Torch Brightness Register bits[7:6] = 00)
(3)
The typical curve for Current Limit is measured in closed loop using the typical application circuit by increasing IOUT until the peak
inductor current stops increasing. The value given in the Electrical Table is measured open loop and is found by forcing current into SW
until the current limit comparator threshold is reached. Closed loop data appears higher due to the delay between the comparator trip
point and the NFET turning off. This delay allows the closed loop inductor current to ramp higher after the trip point by approximately
20ns × VIN/L
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com