Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554
Description  Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3554 Datasheet HTML 30Page - Texas Instruments LM3554 Datasheet HTML 31Page - Texas Instruments LM3554 Datasheet HTML 32Page - Texas Instruments LM3554 Datasheet HTML 33Page - Texas Instruments LM3554 Datasheet HTML 34Page - Texas Instruments LM3554 Datasheet HTML 35Page - Texas Instruments LM3554 Datasheet HTML 36Page - Texas Instruments LM3554 Datasheet HTML 37Page - Texas Instruments LM3554 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
N/A
Bit 7
Bit 6
MSB
LSB
VIN Monitor Register
Register Address 0x80
N/A
Enable
N/A
N/A
N/A
Threshold
Threshold
VIN
VIN
VIN
Monitor
LM3554
SNVS549A – JUNE 2009 – REVISED APRIL 2011
www.ti.com
Table 8. GPIO Register Bit Settings
Bit 7 (Not
Bit 6 (NTC
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Used)
External Flag)
(ENVM/TX2/GP (ENVM/TX2/GP (ENVM/TX2/GP (TX1/TORCH/G (TX1/TORCH/G (TX1/TORCH/G
IO2 data)
IO2 data
IO2 Control)
PIO1 data)
PIO1 data
PIO1 Control)
direction)
direction)
Reads Back '1'
0 = NTC
This bit is the
0 =
0 =
This bit is the
0 =
0 =
External Flag
read or write
ENVM/TX2/GPI ENVM/TX2/GPI
read or write
TX1/TORCH/G
TX1/TORCH/G
mode is
data for the
O2 is a GPIO
O2 is
data for the
PIO1 is a GPIO
PIO1 pin is
disabled
ENVM/TX2/GPI
Input (default)
configured
TX1/TORCH/G
input (default)
configured as
(default)
O2 pin in GPIO
according to
PIO1 pin in
an active low
mode (default
the
GPIO mode
reset input
is 0)
Configuration
(default is 0)
(default)
Register bit 5
(default)
1 = When
1 =
1 =
1 =
1 =
ENVM/TX2/GPI
ENVM/TX2/GPI ENVM/TX2/GPI
TX!/TORCH/GP
TX1/TORCH/G
O2 is
O2 is a GPIO
O2 is
IO1 is an
PIO1 pin is
configured as a
Output
configured as a
output
configured as a
GPIO output
GPIO
GPIO
the
ENVM/TX2/GPI
O2 pin will pull
low when the
LED Thermal
Fault Flag is set
VIN MONITOR REGISTER
The VIN Monitor Register controls the on/off state of the VIN Monitor comparator as well as selects the 4
programmable thresholds. Figure 26 and Table 9 describe the bit settings of the VIN Monitor feature.
Figure 26. VIN Monitor Register Description
Table 9. VIN Monitor Register Bit Settings
Bit 7 (Not
Bit 6 (Not
Bit 5 (Not
Bit 4 (Not
Bit 3 (Not used)
Bit 2 (VIN
Bit 1 (VIN
Bit 0 (VIN
used)
used)
used)
used)
Threshold)
Threshold)
Monitor Enable)
Reads Back '1'
Reads Back '1'
Reads Back '1'
Reads Back '1'
Reads Back '0'
00 = 3.1V threshold (VIN falling)
0 = VIN
Default
Monitoring
01=3.2V threshold (VIN falling)
Comparator is
10 = 3.3V threshold (VIN falling)
disabled
11 = 3.4V threshold (VIN falling)
(default)
1 = VIN
Monitoring
Comparator is
enabled.
Applications Information
OUTPUT CAPACITOR SELECTION
The LM3554 is designed to operate with a at least a 4.7µF ceramic output capacitor in LED mode and a 10µF
output capacitor in Voltage Output Mode. When the boost converter is running the output capacitor supplies the
load current during the boost converters on-time. When the NMOS switch turns off the inductor energy is
discharged through the internal PMOS switch supplying power to the load and restoring charge to the output
capacitor. This causes a sag in the output voltage during the on-time and a rise in the output voltage during the
off-time. The output capacitor is therefore chosen to limit the output ripple to an acceptable level depending on
load current and input/output voltage differentials and also to ensure the converter remains stable.
34
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com