Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89913 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 4Page - fujitsu semiconductor MB89913 Datasheet HTML 5Page - fujitsu semiconductor MB89913 Datasheet HTML 6Page - fujitsu semiconductor MB89913 Datasheet HTML 7Page - fujitsu semiconductor MB89913 Datasheet HTML 8Page - fujitsu semiconductor MB89913 Datasheet HTML 9Page - fujitsu semiconductor MB89913 Datasheet HTML 10Page - fujitsu semiconductor MB89913 Datasheet HTML 11Page - fujitsu semiconductor MB89913 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
MB89910 Series
s PIN DESCRIPTION
(Continued)
*1: DIP-48P-M01
*2: FPT-48P-M15
*3: MDP-64C-P02
Pin no.
Pin name
Circuit
type
Function
SH-
DIP*1
QFP*2
MDIP*3
26
20
42
X0
A
Main clock crystal oscillator pins
27
21
43
X1
20
14
20
X0A/P60
I
These pins can select either general-purpose CMOS
inputs or subclock oscillator pins by the mask options.
When these pins are used as a general-purpose input
pin, the pin is a hysteresis input with a built-in noise
canceller.
19
13
19
X1A/P61
24
18
24
RST
C
Reset I/O pin
This pin is an N-ch open-drain output type with pull-up
resistor and a hysteresis input type. “L” is output from
this pin by an internal source. The internal circuit is
initialized by the input of “L”. This pin is with a noise
canceller.
18
12
18
P00
D
General-purpose CMOS I/O port
This port input is a hysteresis input, with a built-in
noise canceller.
17
11
17
P01/BZ2
D
General-purpose CMOS I/O port
This port input is a hysteresis input, with a built-in
noise canceller. Also serves as a buzzer output.
16
10
16
P02/ADST
D
General-purpose CMOS I/O port
This port input is a hysteresis input, with a built-in
noise canceller. Also serves as the external activation
pin for the A/D converter.
15
9
15
P03/EC
D
General-purpose CMOS I/O port
This port input is a hysteresis input, with a built-in
noise canceller. Also serves as the external clock input
for the 16-bit timer/counter.
14
8
14
P04/PWO
D
General-purpose CMOS I/O port
This port input is a hysteresis input, with a built-in
noise canceller. Also serves as the PWM output for
the 8-bit PWM timer.
13,
12
7,
6
13,
12
P05/SI,
P06/SO
D
General-purpose CMOS I/O ports
These port inputs are a hysteresis input, with a built-in
noise canceller. Also serve as serial data outputs for
the 8-bit serial interface.
11
5
11
P07/SCK
D
General-purpose CMOS I/O port
This port input is a hysteresis input, with a built-in
noise canceller. Also serves as the serial transfer
clock output for the 8-bit serial interface.
47 to 40
41 to 34
63 to 56
P10 to P17
G
P-ch high-voltage open-drain output ports for large
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com