Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89913 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 35Page - fujitsu semiconductor MB89913 Datasheet HTML 36Page - fujitsu semiconductor MB89913 Datasheet HTML 37Page - fujitsu semiconductor MB89913 Datasheet HTML 38Page - fujitsu semiconductor MB89913 Datasheet HTML 39Page - fujitsu semiconductor MB89913 Datasheet HTML 40Page - fujitsu semiconductor MB89913 Datasheet HTML 41Page - fujitsu semiconductor MB89913 Datasheet HTML 42Page - fujitsu semiconductor MB89913 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
39
MB89910 Series
7. Notes on Using A/D Converter
• Input impedance of the analog input pins
The A/D converter used for the MB89910 series contains a sample hold circuit as illustrated below to fetch
analog input voltage into the sample hold capacitor for eight instruction cycles after activating A/D conversion.
For this reason, if the output impedance of the external circuit for the analog input is high, analog input voltage
might not stabilize within the analog input sampling period. Therefore, it is recommended to keep the output
impedance of the external circuit low. If a higher accurancy is required, set the output impedance in this series
to 2 k
Ω or less.
Note that if the impedance cannot be kept low output impedance, it is recommended either to use the software
to continuously activate the A/D converter for simulating longer sampling time or to connect an external
capacitor of approx. 0.1
µF to the analog input pin.
• Error
The smaller the | AVR – AVSS |, the greater the error would become relatively.
1111
1111
1111
1110
•
•
•
•
•
•
•
•
•
•
•
•
•
0000
0010
0000
0001
0000
0000
VOT
VNT V(N + 1)T
VFST
Digital output
(1 LSB
× N + VOT)
Analog input
Actual conversion value
Theoretical conversion value
Linearity error
1 LSB
1 LSB =
AVR
256
Linearity error =
Differential linearity error =
Total error =
VNT – (1 LSB
× N + VOT)
1 LSB
V( N + 1 ) T – VNT
1 LSB
– 1
VNT – (1 LSB
× N + 0.5 LSB)
Sample hold circuit
Analog channel selector
Close for 8 instruction cycles after activating
A/D conversion.
If the output
impedance of external
circuit is high
, it is
recommended to
connect an external
capacitor of approx.
0.1
µF.
Analog input pin
Comparator
R = 6 k
Ω
.
.
C = 33 pF
.
.
• Analog Input Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com