Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89913 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB89913
Description  8-bit Proprietary Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89913 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB89913 Datasheet HTML 22Page - fujitsu semiconductor MB89913 Datasheet HTML 23Page - fujitsu semiconductor MB89913 Datasheet HTML 24Page - fujitsu semiconductor MB89913 Datasheet HTML 25Page - fujitsu semiconductor MB89913 Datasheet HTML 26Page - fujitsu semiconductor MB89913 Datasheet HTML 27Page - fujitsu semiconductor MB89913 Datasheet HTML 28Page - fujitsu semiconductor MB89913 Datasheet HTML 29Page - fujitsu semiconductor MB89913 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
26
MB89910 Series
(Continued)
(AVSS = VSS = 0.0 V)
*1: Take care so that AVR does not exceed VCC + 0.3 V and VCC does not exceed VCC, such as when power is turned
on.
*2: VI and VO must not exceed VCC + 0.3 V.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, tem-
perature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
2. Recommended Operating Conditions
(AVSS = VSS = 0.0 V)
* : These values vary with the operating frequency, instruction cycle, and analog assurance range. See Figure 1
and “5. A/D Converter Electrical Characteristics.”
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power consumption
PD
—
440
mW
SH-DIP: DIP-48-M01
—
360
mW
QFP: FPT-48-M15
Operating temperature
TA
–40
+85
°C
Storage temperature
Tstg
–55
+150
°C
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
4.5*
5.5*
V
Normal operation assurance
range*(MB89PV910)
3.8*
5.5*
V
Normal operation assurance
range*(MB89P915/915/913)
2.7
5.5
V
Watch mode, sub-RUN mode
1.5
5.5
V
Retains the RAM state in stop
mode
A/D converter reference
input voltage
AVR
0.0
VCC
V
High-voltage pull-down
resistor supply voltage
VFDP
VCC – 35.0
VCC + 0.3
V
Operating temperature
TA
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com