Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3325 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF3325
Description  2.2-V to 36-V, microPower Comparator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3325 Datasheet(HTML) 2 Page - Texas Instruments

  REF3325 Datasheet HTML 1Page - Texas Instruments REF3325 Datasheet HTML 2Page - Texas Instruments REF3325 Datasheet HTML 3Page - Texas Instruments REF3325 Datasheet HTML 4Page - Texas Instruments REF3325 Datasheet HTML 5Page - Texas Instruments REF3325 Datasheet HTML 6Page - Texas Instruments REF3325 Datasheet HTML 7Page - Texas Instruments REF3325 Datasheet HTML 8Page - Texas Instruments REF3325 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
TLV1701
TLV1702
TLV1704
SBOS589 – DECEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage
±20 (+40)
V
Voltage(2)
(V–) – 0.5 to (V+) + 0.5
V
Signal input terminals
Current(2)
±10
mA
Output short-circuit(3)
Continous
mA
Operating temperature range
–55 to +150
°C
Storage temperature range, Tstg
–65 to +150
°C
Junction temperature, TJ
+150
°C
Human-body model (HBM)
2
kV
Electrostatic discharge (ESD)
ratings
Charged-device mode (CDM)
1.5
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
Short-circuit to ground; one comparator per package.
PIN CONFIGURATIONS
TLV1702: DGK PACKAGE
MSOP-8
(TOP VIEW)
NOTE: TLV1702 DGK package is production data. All other packages are product preview.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV1701 TLV1702 TLV1704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com