Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3325 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF3325
Description  2.2-V to 36-V, microPower Comparator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3325 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF3325 Datasheet HTML 3Page - Texas Instruments REF3325 Datasheet HTML 4Page - Texas Instruments REF3325 Datasheet HTML 5Page - Texas Instruments REF3325 Datasheet HTML 6Page - Texas Instruments REF3325 Datasheet HTML 7Page - Texas Instruments REF3325 Datasheet HTML 8Page - Texas Instruments REF3325 Datasheet HTML 9Page - Texas Instruments REF3325 Datasheet HTML 10Page - Texas Instruments REF3325 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Time (5 ms/div)
Output Voltage
Input Voltage
C030
TLV1701
TLV1702
TLV1704
www.ti.com
SBOS589 – DECEMBER 2013
APPLICATION INFORMATION
GENERAL DESCRIPTION
The TLV170x comparators features rail-to-rail input and output on supply voltages as high as 36 V. The rail-to-
rail input stage enables detection of signals close to the supply and ground. The open collector configuration
allows the device to be used in wired-OR configurations such as window comparator. A low supply current of 55
μA/channel with small, space-saving packages, makes these comparators versatile for use in a wide range of
applications, from portable to industrial.
COMPARATOR INPUTS
The TLV170x are rail-to-rail input comparators, with an input common-mode range that includes the supply rails.
The TLV170x is designed to prevent phase inversion when the input pins exceed the supply voltage. Figure 18
shows the TLV170x response when input voltages exceed the supply, resulting in no phase inversion.
Figure 18. No Phase Inversion: Comparator Response to Input Voltage (Propagation Delay Included)
CIRCUIT LAYOUT
Comparators are very sensitive to input noise. For best results, the following layout guidelines should be
maintained:
1. Use a printed circuit board (PCB) with a good, unbroken low-inductance ground plane. Proper grounding
(use of ground plane) will help maintain specified performance of the TLV170x.
2. To minimize supply noise, place a decoupling capacitor (0.1-
μF ceramic, surface-mount capacitor) as close
as possible to VCC.
3. On the inputs and the output, keep lead lengths as short as possible to avoid unwanted parasitic feedback
around the comparator. Keep inputs away from the output.
4. Solder the device directly to the PCB rather than using a socket.
5. For slow-moving input signals, take care to prevent parasitic feedback. A small capacitor (1000 pF or less)
placed between the inputs can help eliminate oscillations in the transition region. This capacitor causes some
degradation to propagation delay when the impedance is low. The topside ground plane runs between the
output and inputs.
6. The ground pin ground trace runs under the device up to the bypass capacitor, shielding the inputs from the
outputs.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV1701 TLV1702 TLV1704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com