Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3325 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF3325
Description  2.2-V to 36-V, microPower Comparator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3325 Datasheet(HTML) 5 Page - Texas Instruments

  REF3325 Datasheet HTML 1Page - Texas Instruments REF3325 Datasheet HTML 2Page - Texas Instruments REF3325 Datasheet HTML 3Page - Texas Instruments REF3325 Datasheet HTML 4Page - Texas Instruments REF3325 Datasheet HTML 5Page - Texas Instruments REF3325 Datasheet HTML 6Page - Texas Instruments REF3325 Datasheet HTML 7Page - Texas Instruments REF3325 Datasheet HTML 8Page - Texas Instruments REF3325 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Time (300 ns/div)
C016
Output Voltage
Input Voltage
t
pLH = 722 ns
V
S = ±18 V, Overdrive = 100 mV
Time (150 ns/div)
C015
Output Voltage
Input Voltage
t
pLH = 479 ns
V
S = ±18 V, Overdrive = 100 mV
0n
500n
 
 
 
 
 
1p
10p
100p
1n
Output Capacitive Load (F)
2.2 V Supply
]18 V Supply
C017
t
pHL
t
pLH
0
200
400
600
800
1000
1200
-50
-25
0
25
50
75
100
125
Temperature (SC)
2.2 V Supply
]18 V Supply
C010
V
OD = 100 mV
t
pLH
t
pHL
±3
±2
±1
0
1
2
3
0
6
12
18
24
30
36
Supply Voltage (V)
C028
16 Typical Units Shown
0
200
400
600
800
1000
1200
1400
1600
0
200
400
600
800
1000
Input Overdrive (mV)
]18 V Supply
2.2 V Supply
C008
t
pLH
t
pHL
TLV1701
TLV1702
TLV1704
www.ti.com
SBOS589 – DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCC = +5 V, RPULL-UP = 5.1 kΩ, and input overdrive = 100 mV, unless otherwise noted.
Figure 7. OFFSET VOLTAGE vs SUPPLY VOLTAGE
Figure 8. PROPAGATION DELAY vs INPUT OVERDRIVE
Figure 9. PROPAGATION DELAY vs CAPACITIVE LOAD
Figure 10. PROPAGATION DELAY vs TEMPERATURE
Figure 11. PROPAGATION DELAY (tpLH)
Figure 12. PROPAGATION DELAY (tpHL)
(VS = ±18 V, Overdrive = 100 mV)
(VS = ±18 V, Overdrive = 100 mV)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV1701 TLV1702 TLV1704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com