Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89656APF Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB89656APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89656APF Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB89656APF Datasheet HTML 15Page - fujitsu semiconductor MB89656APF Datasheet HTML 16Page - fujitsu semiconductor MB89656APF Datasheet HTML 17Page - fujitsu semiconductor MB89656APF Datasheet HTML 18Page - fujitsu semiconductor MB89656APF Datasheet HTML 19Page - fujitsu semiconductor MB89656APF Datasheet HTML 20Page - fujitsu semiconductor MB89656APF Datasheet HTML 21Page - fujitsu semiconductor MB89656APF Datasheet HTML 22Page - fujitsu semiconductor MB89656APF Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
MB89650AR Series
s BLOCK DIAGRAM
X0
X1
Time-base timer
Clock controller
2
I/O port
V0 to V3
RAM
F2MC-8L
CPU
ROM
MOD
× 2, VCC × 2
VSS
× 2
AVCC, AVSS, AVR
Other pins
8-bit timer/
counter 1
Buzzer output
External interrupt 2
(wake-up function)
8
8
Input port
P60/AN0
to P67/AN7
8
8
P00/INT20
to P07/INT27
P70/EC1
P54/TO11
/LCLK
P55/TO12
P71/EC2
P57/TO22
I/O port
8-bit A/D converter
External interrupt 1
4
4
P10/INT10
to P13/INT13
3
P20 to P22
4
4
P14/INT28
to P17/INT2B
8-bit serial I/O
P26/SCK
P25/SO
P24/SI
P73 to P75
P72/BUZ
8-bit timer/
counter 2
8-bit timer/
counter 3
P56/TO21
/HCLK
8-bit timer/
counter 4
8-bit PWM
timer 2
8-bit PWM
timer 1
P53/PWM22
P52/PWM21
P51/PWM12
P50/PWM11
Output port
LCD display RAM (16
× 8 bits)
4
2
2
2
16
8
32
8
COM2/P80,
COM3/P81
COM0, COM1
SEG00
to SEG15
P40/SEG23
to P47/SEG16
P30/SEG31
to P37/SEG24
X0A
X1A
Subclock oscillator
(32.768 kHz)
Main clock
oscillator
RST
Reset circuit
LCD
controller/driver
3
P82, P83
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com