Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89656APF Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB89656APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89656APF Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB89656APF Datasheet HTML 35Page - fujitsu semiconductor MB89656APF Datasheet HTML 36Page - fujitsu semiconductor MB89656APF Datasheet HTML 37Page - fujitsu semiconductor MB89656APF Datasheet HTML 38Page - fujitsu semiconductor MB89656APF Datasheet HTML 39Page - fujitsu semiconductor MB89656APF Datasheet HTML 40Page - fujitsu semiconductor MB89656APF Datasheet HTML 41Page - fujitsu semiconductor MB89656APF Datasheet HTML 42Page - fujitsu semiconductor MB89656APF Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
MB89650AR Series
(Continued)
ICC (mA)
VCC (V)
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
2
4
6
8
10
12
14
16
Divide
by 8
Divide
by 16
Divide by
64 (ICC2)
TA = +25
°C
FCH = 10 MHz
ICC1 vs. VCC, ICC2 vs. VCC
Divide
by 4 (ICC1)
ICCS (mA)
VCC (V)
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TA = +25
°C
FCH = 10 MHz
ICCS1 vs. VCC, ICCS2 vs. VCC
Divide by
4 (ICCS1)
Divide
by 8
Divide
by 16
Divide by
64 (ICCS2)
ICCL (
µA)
VCC (V)
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
20
40
60
80
100
120
140
160
180
200
TA = +25
°C
ICCL vs. VCC
ICCLS (
µA)
VCC (V)
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
5
10
15
20
25
30
35
40
45
50
TA = +25
°C
ICCLS vs. VCC
(5) Power Supply Current (External Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com