Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89656APF Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB89656APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89656APF Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB89656APF Datasheet HTML 1Page - fujitsu semiconductor MB89656APF Datasheet HTML 2Page - fujitsu semiconductor MB89656APF Datasheet HTML 3Page - fujitsu semiconductor MB89656APF Datasheet HTML 4Page - fujitsu semiconductor MB89656APF Datasheet HTML 5Page - fujitsu semiconductor MB89656APF Datasheet HTML 6Page - fujitsu semiconductor MB89656APF Datasheet HTML 7Page - fujitsu semiconductor MB89656APF Datasheet HTML 8Page - fujitsu semiconductor MB89656APF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
MB89650AR Series
(Continued)
• External interrupt 1
Four independent channels with edge detection function
• External interrupt 2 (wake-up function)
Twelve “L” level-interrupt channels
• Watch prescaler
• LCD controller/driver: 16 to 32 segments
× 2 to 4 commons
• Power-on reset function
• Low-power consumption modes (subclock mode, watch mode, sleep mode, and stop mode)
• SQFP-100 and QFP-100 packages
s PRODUCT LINEUP
(Continued)
MB89655AR
MB89656AR
MB89657AR
MB89P657A
MB89PV650A
Classification
Mass production products
(mask ROM products)
One-time
PROM product
Piggyback/
evaluation product
(for evaluation and
development)
ROM size
8 K
× 8 bits
(internal
mask
ROM)
16 K
× 8 bits
(internal
mask
ROM)
24 K
× 8 bits
(internal
mask
ROM)
32 K
× 8 bits
(internal
mask
ROM)
32 K
× 8 bits
(internal PROM,
programming
with general-
purpose EPROM
programmer)
32 K
× 8 bits
(external ROM)
RAM size
256
× 8 bits
512
× 8 bits
768
× 8 bits
1 K
× 8 bits
LCD display
RAM
16
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.4
µs/10 MHz to 6.4 µs/10 MHz, 61.0 µs/32.768 kHz
Interrupt processing time:
3.6
µs/10 MHz to 57.6 µs/10 MHz, 549.3 µs/32.768 kHz
Ports
Input ports:
8 (All also serve as peripherals.)
Output ports:
8 (All also serve as peripherals.)
I/O ports:
48 (All also serve as peripherals.)
Total:
64
8-bit timer 1,
8-bit timer 2
8-bit timer operation (toggled output capable, operating clock cycle: 0.8 to 12.8
µs)
16-bit timer operation (toggled output capable, operating clock cycle: 0.8 to 12.8
µs)
2 output channels are enabled when operating as an 8-bit timer.
8-bit timer 3,
8-bit timer 4
8-bit timer operation (toggled output capable, operating clock cycle: 0.8 to 12.8
µs)
16-bit timer operation (toggled output capable, operating clock cycle: 0.8 to 12.8
µs)
2 output channels are enabled when operating as an 8-bit timer.
Clock timer
21 bits
× 1 (in main clock mode)/15 bits × 1 (at 32.768 kHz)
8-bit PWM
timer 1,
8-bit PWM
timer 2
8-bit reload timer operation (toggled output capable, operating clock cycle: 0.4
µs to 3.3 ms)
8-bit resolution PWM operation (conversion cycle: 102
µs to 839 ms)
Both 8-bit PWM timer 1 and 8-bit PWM timer 2 can output 2 channels.
MB89653AR
Part number
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com