Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89151APF Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 15Page - fujitsu semiconductor MB89151APF Datasheet HTML 16Page - fujitsu semiconductor MB89151APF Datasheet HTML 17Page - fujitsu semiconductor MB89151APF Datasheet HTML 18Page - fujitsu semiconductor MB89151APF Datasheet HTML 19Page - fujitsu semiconductor MB89151APF Datasheet HTML 20Page - fujitsu semiconductor MB89151APF Datasheet HTML 21Page - fujitsu semiconductor MB89151APF Datasheet HTML 22Page - fujitsu semiconductor MB89151APF Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
MB89150/150A Series
s BLOCK DIAGRAM
Main clock
oscillator
Clock controller
Subclock oscillator
(32.768 kHz)
21-bit time-base
timer
External interrupt 2
(wake-up function)
CMOS I/O port
CMOS I/O port
F 2MC-8L
CPU
RAM
(Max. 256
× 8bits)
MOD0, MOD1, V CC, V SS
X0
X1
X0A
X1A
RST
P00/INT20
to P07/INT27
ROM
(Max. 16 K
× 8 bits)
8-bit serial I/O
N-ch open-drain I/O port
P21*4,P26*4
P27/BUZ*4
P25/SCK
P24/SO
P23/SI
Reset circuit
(WDT)
8-bit timer/counter
N-ch open-drain output port
(Only P30 is a CMOS output type.)
4
16
4
4
20
4
4
8
P22/TO
P20/EC
SEG0 to SEG19
V0 to V3
P54/SEG32*3
to P57/SEG35*3
P44/SEG24*3
to P47/SEG27*3
P40/SEG20*3
to P43/SEG23*3
P32/C0*2
LCD controller/
driver
External interrupt 1
(wake-up function)
P10/INT10
to P13/INT13
4
4
Buzzer output
8-bit timer/counter
Remote control
output
Reference voltage
generator and
booster*1
P50/SEG28*3
to P53/SEG31*3
4
COM0 to COM3
P31/C1*2
P30/RCO
P14 to P17
2
N-ch open-drain output port
*1: Selected by mask option
*2: Used as ports without a reference voltage generator and booster
*3: Functions selected by mask option
*4: N-ch open-drain high-current drive type
8
4
36
× 4 bits
VRAM
Other pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com