Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89151APF Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB89151APF Datasheet HTML 1Page - fujitsu semiconductor MB89151APF Datasheet HTML 2Page - fujitsu semiconductor MB89151APF Datasheet HTML 3Page - fujitsu semiconductor MB89151APF Datasheet HTML 4Page - fujitsu semiconductor MB89151APF Datasheet HTML 5Page - fujitsu semiconductor MB89151APF Datasheet HTML 6Page - fujitsu semiconductor MB89151APF Datasheet HTML 7Page - fujitsu semiconductor MB89151APF Datasheet HTML 8Page - fujitsu semiconductor MB89151APF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
MB89150/150A Series
(Continued)
*1: Selected by the mask option. See section “s Mask Options.”
*2: Varies with conditions such as the operating frequency and the connected ICE. (See section “s Electrical
Characteristics.”)
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
Note: For more information about each package, see section “s Package Dimensions.”
MB89152/A MB89153/A MB89154/A MB89155/A MB89P155 MB89PV150
Remote control
transmission
output
1 (Pulse width and cycle are software selectable.)
Standby modes
Sleep mode, stop mode, and watch mode
Process
CMOS
Operating voltage*2
2.2 V to 6.0 V (single clock)/2.2 V to 4.0 V (dual clock)
2.7 V to 6.0 V
EPROM for use
MBM27C256A
-20TV (LCC
package)
Package
MB89151/A
MB89152/A
MB89153/A
MB89154/A
MB89155/A
MB89P155
MB89PV150
FPT-80P-M06
×
FPT-80P-M11
×
FPT-80P-M05
×
MQP-80C-P01
××
MB89151/A
Part number
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com