Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89151APF Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 29Page - fujitsu semiconductor MB89151APF Datasheet HTML 30Page - fujitsu semiconductor MB89151APF Datasheet HTML 31Page - fujitsu semiconductor MB89151APF Datasheet HTML 32Page - fujitsu semiconductor MB89151APF Datasheet HTML 33Page - fujitsu semiconductor MB89151APF Datasheet HTML 34Page - fujitsu semiconductor MB89151APF Datasheet HTML 35Page - fujitsu semiconductor MB89151APF Datasheet HTML 36Page - fujitsu semiconductor MB89151APF Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
MB89150/150A Series
(3) Clock Timing
(VSS = 0.0 V, TA = –40
°C to +85°C)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min.
Typ.
Max.
Clock frequency
FCH
X0, X1
1
—
4.2
MHz
Main clock
FCL
X0A, X1A
—
32.768
—
kHz
Subclock
Clock cycle time
tHCYL
X0, X1
238
—
1000
ns
Main clock
tLCYL
X0A, X1A
—
30.5
—
µs
Subclock
Input clock pulse width
PWH
PWL
X0
20
—
—
ns
External clock
PWHL
PWLL
X0A
—15.2—
µs
Input clock pulse
rising/falling time
tCR
tCF
X0, X0A
—
—
10
ns
0.8 VCC
X0
X1
C1
C2
FCH
Open
When a crystal
or
ceramic resonator is used
When an external clock
is used
When the CR oscillation
option is used
tHCYL
0.2 VCC
PWH
PWL
tCF
tCR
X0
X0
X1
C
FCH
R
X0
X1
FCH
X0 and X1 Timing and Conditions
Main Clock Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com