Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N692 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N692
Description  PNPN SILICON, REVERSE-BLOCKING, POWER TRIODE THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N692 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N692 Datasheet HTML 1Page - Microsemi Corporation 2N692 Datasheet HTML 2Page - Microsemi Corporation 2N692 Datasheet HTML 3Page - Microsemi Corporation 2N692 Datasheet HTML 4Page - Microsemi Corporation 2N692 Datasheet HTML 5Page - Microsemi Corporation 2N692 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T4-LDS-0249, Rev. 1 (120183)
©2011 Microsemi Corporation
Page 3 of 6
2N682, 2N683, 2N685 – 2N692
and 2N5206
ELECTRICAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Repetitive Peak Reverse Voltage
And
Repetitive peak off-state voltage
2N682
2N683
2N685
2N686
2N687
2N688
2N689
2N690
2N691
2N692
2N5206
VRRM
(1)
and
VDRM
50
100
200
250
300
400
500
600
700
800
1,000
V (pk)
(1)
Values applicable to zero or negative gate voltage (VGM).
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Holding current:
Bias condition D; VAA = 24 V maximum;
ITM = IF1 = 1 A
IT = IF2 = 100 mA
trigger voltage source = 10 V
trigger PW = 100 μs (minimum)
R2
= 20 Ω
IH
50
mA
Reverse blocking current
AC method, bias condition D;
f = 60 Hz, VRRM = rated
IRRM1
2
mA (pk)
Forward blocking current
AC method, bias condition D;
f = 60 Hz; VDRM = rated
IDRM1
2
mA (pk)
Gate trigger voltage and current
V2 = VD = 6 V; RL
= 50 Ω;
Re
= 20 Ω maximum
VGT1
IGT1
3
35
V
mA
Forward on voltage
ITM = 50 A(pk) (pulse);
pulse width = 8.5 ms; maximum;
duty cycle = 2 percent maximum
VTM
2
V (pk)
Reverse gate current
VG = 5 V
IG
250
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com