Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N692 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N692
Description  PNPN SILICON, REVERSE-BLOCKING, POWER TRIODE THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N692 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N692 Datasheet HTML 1Page - Microsemi Corporation 2N692 Datasheet HTML 2Page - Microsemi Corporation 2N692 Datasheet HTML 3Page - Microsemi Corporation 2N692 Datasheet HTML 4Page - Microsemi Corporation 2N692 Datasheet HTML 5Page - Microsemi Corporation 2N692 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T4-LDS-0249, Rev. 1 (120183)
©2011 Microsemi Corporation
Page 2 of 6
2N682, 2N683, 2N685 – 2N692
and 2N5206
MECHANICAL and PACKAGING
• CASE: Nickel plated copper.
• TERMINALS: Nickel plated steel, solder dipped.
• MARKING: Manufacturer’s ID, part number, date code, polarity.
• POLARITY: Terminal 1: gate, terminal 2: cathode, terminal 3 (stud): anode.
• WEIGHT: 12.36 grams.
• See Package Dimensions on last page.
PART NOMENCLATURE
JAN
2N682
(e3)
Reliability Level
JAN = Jan level
JANTX = JANTX level
CDS (reference JANS)
Blank = Commercial
JEDEC type number
(See Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS compliant (available
on commercial grade only)
Blank = non-RoHS compliant
SYMBOLS & DEFINITIONS
Symbol
Definition
V AA
Anode power supply voltage (dc).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com