Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N692 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N692
Description  PNPN SILICON, REVERSE-BLOCKING, POWER TRIODE THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N692 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N692 Datasheet HTML 1Page - Microsemi Corporation 2N692 Datasheet HTML 2Page - Microsemi Corporation 2N692 Datasheet HTML 3Page - Microsemi Corporation 2N692 Datasheet HTML 4Page - Microsemi Corporation 2N692 Datasheet HTML 5Page - Microsemi Corporation 2N692 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0249, Rev. 1 (120183)
©2011 Microsemi Corporation
Page 1 of 6
2N682, 2N683, 2N685 – 2N692
and 2N5206
Available on
commercial
versions
PNPN SILICON, REVERSE-BLOCKING,
POWER TRIODE THYRISTORS
Qualified per MIL-PRF-19500/108
Qualified Levels:
JAN and JANTX
DESCRIPTION
This silicon controlled rectifier device is military qualified up to a JANTX level for high-reliability
applications. Microsemi also offers numerous other products to meet higher and lower power
voltage regulation applications.
TO-208 / TO-48
Package
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
•
JEDEC registered 2N682, 2N683, 2N685, 2N687 – 2N692 and 2N5206.
•
JAN and JANTX qualifications are available per MIL-PRF-19500/108.
•
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
•
A general purpose, reverse-blocking thyristor.
MAXIMUM RATINGS
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction Temperature
TJ
-65 to +125
oC
Storage Temperature
TSTG
-65 to +150
oC
Gate Voltage
V GM
5
V(pk)
Maximum Average DC Output Current
(1)
IO
16
A
Non-repetitive Peak On-State Current
(2) @ t = 7 ms
ITSM
150
A
Notes:
1. This average forward current is for a maximum case temperature of +65 °C, and 180 electrical degrees
of conduction.
2. Surge rating is non-recurrent and applies only with device in the conducting state. The peak rate of surge
current must not exceed 100 amperes during
the first 10 μs after switching from the off (blocking) state
to the on (conducting) state. This time is measured from the point where the thyristor voltage has
decayed to 90 percent of its initial blocking value.


Similar Part No. - 2N692

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
2N692 KNOX-2N692 Datasheet
208Kb / 7P
25 and 35 Amp RMS SCRs
logo
International Rectifier
2N692 IRF-2N692 Datasheet
208Kb / 7P
25 and 35 Amp RMS SCRs?
2N692 IRF-2N692 Datasheet
219Kb / 7P
25 AND 35 AMP RMS SCRS
logo
Central Semiconductor C...
2N692 CENTRAL-2N692 Datasheet
98Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
logo
Digitron Semiconductors
2N692 DIGITRON-2N692 Datasheet
3Mb / 7P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N692

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR100 MOTOROLA-MCR100 Datasheet
81Kb / 4P
Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
2N3870 MOTOROLA-2N3870 Datasheet
272Kb / 4P
Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
Texas Instruments
TIC106 TI-TIC106 Datasheet
230Kb / 6P
PNP SILICON REVERSE BLOCKING TRIODE THYRISTORS
logo
Motorola, Inc
2N6240 MOTOROLA-2N6240 Datasheet
55Kb / 4P
Silicon controlled Rectifiers Reverse Blocking Triode Thyristors
MCR202 MOTOROLA-MCR202 Datasheet
126Kb / 3P
SILICON CONTROLLDE RECTIFIERS REVERSE BLOCKING TRIODE THYRISTORS
logo
ON Semiconductor
MCR310 ONSEMI-MCR310 Datasheet
50Kb / 3P
Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
March, 2007 ??Rev. 3
logo
Unisonic Technologies
MCR106 UTC-MCR106 Datasheet
86Kb / 3P
REVERSE BLOCKING TRIODE THYRISTORS
logo
Comset Semiconductor
TIC106A COMSET-TIC106A Datasheet
199Kb / 3P
P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
Unisonic Technologies
MCR106 UTC-MCR106_11 Datasheet
165Kb / 3P
REVERSE BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MCR230 NJSEMI-MCR230 Datasheet
114Kb / 3P
Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com