Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6384
Description  HIGH-VOLTAGE HALF BRIDGE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384 Datasheet(HTML) 2 Page - STMicroelectronics

  L6384 Datasheet HTML 1Page - STMicroelectronics L6384 Datasheet HTML 2Page - STMicroelectronics L6384 Datasheet HTML 3Page - STMicroelectronics L6384 Datasheet HTML 4Page - STMicroelectronics L6384 Datasheet HTML 5Page - STMicroelectronics L6384 Datasheet HTML 6Page - STMicroelectronics L6384 Datasheet HTML 7Page - STMicroelectronics L6384 Datasheet HTML 8Page - STMicroelectronics L6384 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vout
Output Voltage
-3 to Vboot -18
V
Vcc
Supply Voltage (*)
- 0.3 to 14.6
V
Is
Supply Current (*)
25
mA
Vboot
Floating Supply Voltage
-1 to 618
V
Vhvg
Upper Gate Output Voltage
-1 to Vboot
V
Vlvg
Lower Gate Output Voltage
-0.3 to Vcc +0.3
V
Vi
Logic Input Voltage
-0.3 to Vcc +0.3
V
Vsd
Shut Down/Dead Time Voltage
-0.3 to Vcc +0.3
V
dVout/dt
Allowed Output Slew Rate
50
V/ns
Ptot
Total Power Dissipation (Tj = 85 °C)
750
mW
Tj
Junction Temperature
150
°C
Ts
Storage Temperature
-50 to 150
°C
(*) The device has an internal Clamping Zener between GND and the Vcc pin, It must not be supplied by a Low Impedence Voltage Source.
Note: ESD immunity for pins 6, 7 and 8 is guaranteed up to 900 V (Human Body Model)
THERMAL DATA
Symbol
Parameter
SO8
Minidip
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
150
100
°C/W
PIN DESCRIPTION
N.
Name
Type
Function
1
IN
I
Logic Input: it is in phase with HVG and in opposition of phase with LGV. It is compatible
to VCC voltage. [Vil Max = 1.5V, Vih Min = 3.6V]
2
Vcc
I
Supply input voltage: there is an internal clamp [Typ. 15.6V]
3
DT/SD
I
High impedance pin with two functionalities. When pulled lower than Vdt [Typ. 0.5V] the
device is shut down. A voltage higher than Vdt sets the dead time between high side gate
driver and low side gate driver. The dead time value can be set forcing a certain voltage
level on the pin or connecting a resistor between pin 3 and ground.
Care must be taken to avoid below threshold spikes on pin 3 that can cause undesired
shut down of the IC. For this reason the connection of the components between pin 3 and
ground has to be as short as possible. This pin can not be left floating for the same reason.
The pin has not be pulled through a low impedance to VCC, because of the drop on the
current source that feeds Rdt. The operative range is: Vdt....270K
⋅ Idt, that allows a dt
range of 0.4 - 3.1
µs.
4
GND
Ground
IN
VCC
DT/SD
GND
1
3
2
4
LVG
VOUT
HVG
VBOOT
8
7
6
5
D97IN519
PIN CONNECTION
L6384
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com