Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6384
Description  HIGH-VOLTAGE HALF BRIDGE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384 Datasheet(HTML) 1 Page - STMicroelectronics

  L6384 Datasheet HTML 1Page - STMicroelectronics L6384 Datasheet HTML 2Page - STMicroelectronics L6384 Datasheet HTML 3Page - STMicroelectronics L6384 Datasheet HTML 4Page - STMicroelectronics L6384 Datasheet HTML 5Page - STMicroelectronics L6384 Datasheet HTML 6Page - STMicroelectronics L6384 Datasheet HTML 7Page - STMicroelectronics L6384 Datasheet HTML 8Page - STMicroelectronics L6384 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HIGH VOLTAGE RAIL UP TO 600 V
dV/dt IMMUNITY +- 50 V/nsec IN FULL TEM-
PERATURE RANGE
DRIVER CURRENT CAPABILITY:
400 mA SOURCE,
650 mA SINK
SWITCHING TIMES 50/30 nsec RISE/FALL
WITH 1nF LOAD
CMOS/TTL
SCHMITT
TRIGGER
INPUTS
WITH HYSTERESIS AND PULL DOWN
SHUT DOWN INPUT
DEAD TIME SETTING
UNDER VOLTAGE LOCK OUT
INTEGRATED BOOTSTRAP DIODE
CLAMPING ON Vcc
SO8/MINIDIP PACKAGES
DESCRIPTION
The L6384 is an high-voltage device, manufac-
tured with the BCD"OFF-LINE" technology. It has
an Half - Bridge Driver structure that enables to
drive N Channel Power MOS or IGBT. The Upper
(Floating) Section is enabled to work with voltage
Rail up to 600V. The Logic Inputs are CMOS/TTL
compatible for ease of interfacing with controlling
devices. Matched delays between Lower and Up-
per Section simplify high frequency operation.
Dead time setting can be readily accomplished by
means of an external resistor.
May 2000
®
LOGIC
UV
DETECTION
LEVEL
SHIFTER
RS
VCC
LVG
DRIVER
VCC
IN
DT/SD
VBOOT
HVG
DRIVER
HVG
H.V.
LOAD
OUT
LVG
GND
D97IN518A
DEAD
TIME
VCC
Idt
Vthi
BOOTSTRAP DRIVER
CBOOT
4
3
5
6
7
8
1
2
BLOCK DIAGRAM
SO8
Minidip
ORDERING NUMBERS:
L6384D
L6384
L6384
HIGH-VOLTAGE HALF BRIDGE DRIVER
1/10


Similar Part No. - L6384

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
L6384D STMICROELECTRONICS-L6384D Datasheet
78Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
L6384E STMICROELECTRONICS-L6384E Datasheet
207Kb / 17P
High-voltage half bridge driver
12-Oct-2007
L6384ED STMICROELECTRONICS-L6384ED Datasheet
207Kb / 17P
High-voltage half bridge driver
12-Oct-2007
L6384ED013TR STMICROELECTRONICS-L6384ED013TR Datasheet
207Kb / 17P
High-voltage half bridge driver
12-Oct-2007
More results

Similar Description - L6384

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104 Datasheet
122Kb / 15P
High Voltage, Half Bridge Driver
March, 2008 - Rev. 2
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81734FP MITSUBISHI-M81734FP Datasheet
268Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
HIGH VOLTAGE HALF BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com