Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6384
Description  HIGH-VOLTAGE HALF BRIDGE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384 Datasheet(HTML) 3 Page - STMicroelectronics

  L6384 Datasheet HTML 1Page - STMicroelectronics L6384 Datasheet HTML 2Page - STMicroelectronics L6384 Datasheet HTML 3Page - STMicroelectronics L6384 Datasheet HTML 4Page - STMicroelectronics L6384 Datasheet HTML 5Page - STMicroelectronics L6384 Datasheet HTML 6Page - STMicroelectronics L6384 Datasheet HTML 7Page - STMicroelectronics L6384 Datasheet HTML 8Page - STMicroelectronics L6384 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RECOMMENDED OPERATING CONDITIONS
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vout
6
Output Voltage
Note1
580
V
Vboot -
Vout
8
Floating Supply Voltage
Note1
17
V
fsw
Switching Frequency
HVG,LVG load CL = 1nF
400
kHz
Vcc
2
Supply Voltage
Vclamp
V
Tj
Junction Temperature
-45
125
°C
Note 1: If the condition Vboot - Vout < 18V is guaranteed, Vout can range from -3 to 580V.
ELECTRICAL CHARACTERISTICS
AC Operation (VCC = 14.4V; Tj = 25°C)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ton
1 vs
5,7
High/Low Side Driver
Turn-On Propagation Delay
Vout = 0V
Rdt = 47k
Ω
200+dt
ns
tonsd
3 vs
5,7
Shut Down Input Propagation Delay
220
280
ns
toff
1 vs
5,7
High/Low Side Driver
Turn-Off Propagation Delay
Vout = 0V
Rdt = 47k
Ω
250
300
ns
Vout = 0V
Rdt = 146k
Ω
200
250
ns
Vout = 0V
Rdt = 270k
Ω
170
200
ns
tr
7,5
Rise Time
CL = 1000pF
70
ns
tf
7,5
Fall Time
CL = 1000pF
30
ns
DC Operation (VCC = 14.4V; Tj = 25°C)
Supply Voltage Section
Vclamp
2
Supply Voltage Clamping
Is = 5mA
14.6
15.6
16.6
V
Vccth1
2
Vcc UV Turn On Threshold
11.5
12
12.5
V
Vccth2
2
Vcc UV Turn Off Threshold
9.5
10
10.5
V
N.
Name
Type
Function
5
LVG
O
Low Side Driver Output: the output stage can deliver 400mA source and 650mA sink [Typ.
Values].
The circuit guarantees 0.3V max on the pin (@ Isink = 10mA) with VCC > 3V and lower than
the turn on threshold. This allows to omit the bleeder resistor connected between the gate
and the source of the external mosfet normally used to hold the pin low; the gate driver
ensures low impedance also in SD conditions.
6
Vout
O
Upper Driver Floating Reference: layout care has to be taken to avoid below ground
spikes on this pin.
7
HVG
O
High Side Driver Output: the output stage can deliver 400mA source and 650mA sink
[Typ. Values].
The circuit gurantees 0.3V max between this pin and Vout (@ Isink = 10mA) with VCC > 3V
and lower than the turn on threshold. This allows to omit the bleeder resistor connected
between the gate and the source of the external mosfet normally used to hold the pin low;
the gate driver ensures low impedance also in SD conditions.
8
Vboot
Bootstrap Supply Voltage: it is the upper driver floating supply. The bootstrap capacitor
connected between this pin and pin 6 can be fed by an internal structure named "bootstrap
driver" (a patented structure). This structure can replace the external bootstrap diode.
PIN DESCRIPTION (continued)
L6384
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com