Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ413 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # MJ413
Description  10 Amp NPN Silicon Power Transistors 125W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

MJ413 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  MJ413 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. MJ413 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MJ413

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
10 AMPERE POWER TRANSISTORS NPN SILICON
logo
Micro Commercial Compon...
MJ413 MCC-MJ413 Datasheet
108Kb / 2P
10 Amp NPN Silicon Power Transistors 125W
logo
Inchange Semiconductor ...
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
MJ413 SAVANTIC-MJ413 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
MJ413 SAVANTIC-MJ413 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - MJ413

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
POWER TRANSISTORS(8A,125W)
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
POWER TRANSISTORS(25A,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
POWER TRANSISTORS(12A,125W)
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
POWER TRANSISTORS(5A,1500V,125W)
BU826 MOSPEC-BU826 Datasheet
75Kb / 2P
POWER TRANSISTORS(6A,375V,125W)
logo
Motorola, Inc
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
10 AMPERE POWER TRANSISTORS NPN SILICON
logo
Rohm
2SC1652 ROHM-2SC1652 Datasheet
311Kb / 4P
Medium Power Amp. Epitaxial Planar NPN Silicon Transistors
logo
Micro Commercial Compon...
MJ413 MCC-MJ413 Datasheet
108Kb / 2P
10 Amp NPN Silicon Power Transistors 125W
logo
Solid States Devices, I...
SPT4624 SSDI-SPT4624 Datasheet
174Kb / 2P
10 AMP NPN HIGH VOLTAGE POWER SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
SDT7601 NJSEMI-SDT7601 Datasheet
81Kb / 1P
10 AMP SILICON PLANAR NPN POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com