Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 15 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation 80960KB Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
80960KB
9
BE3:0
O
O.D.
BYTE ENABLE LINES specify the data bytes (up to four) on the bus which are
used in the current bus cycle. BE3 corresponds to LAD31:24; BE0 corresponds to
LAD7:0.
The byte enables are provided in advance of data:
Byte enables asserted during Ta specify the bytes of the first data word.
Byte enables asserted during Td specify the bytes of the next data word, if any
(the word to be transmitted following the next assertion of READY).
Byte enables that occur during Td cycles that precede the last assertion of
READY are undefined. Byte enables are latched on-chip and remain constant
from one Td cycle to the next when READY is not asserted.
For reads, byte enables specify the byte(s) that the processor will actually use.
L-Bus agents are required to assert only adjacent byte enables (e.g., asserting
just BE0 and BE2 is not permitted) and are required to assert at least one byte
enable. Address bits A0 and A1 can be decoded externally from the byte enables.
HOLD
I
HOLD: A request from an external bus master to acquire the bus. When the
processor receives HOLD and grants bus control to another master, it floats its
three-state bus lines and open-drain control lines, asserts HLDA and enters the
Th state. When HOLD deasserts, the processor deasserts HLDA and enters the
Ti or Ta state.
HLDA
O
T.S.
HOLD ACKNOWLEDGE: Notifies an external bus master that the processor has
relinquished control of the bus.
CACHE
O
T.S.
CACHE indicates when an access is cacheable during a Ta cycle. It is not
asserted during any synchronous access, such as a synchronous load or move
instruction used for sending an IAC message. The CACHE signal floats to a high
impedance state when the processor is idle.
Table 5. 80960KB Pin Description: Support Signals (Sheet 1 of 2)
NAME
TYPE
DESCRIPTION
BADAC
I
BAD ACCESS, if asserted in the cycle following the one in which the last READY
of a transaction is asserted, indicates that an unrecoverable error has occurred
on the current bus transaction or that a synchronous load/store instruction has not
been acknowledged.
During system reset the BADAC signal is interpreted differently. If the signal is
high, it indicates that this processor will perform system initialization. If it is low,
another processor in the system will perform system initialization instead.
RESET
I
RESET clears the processor’s internal logic and causes it to reinitialize.
During RESET assertion, the input pins are ignored (except for BADAC and
IAC/INT0), the three-state output pins are placed in a high impedance state and
other output pins are placed in their non-asserted states.
RESET must be asserted for at least 41 CLK2 cycles for a predictable RESET.
The HIGH to LOW transition of RESET should occur after the rising edge of both
CLK2 and the external bus clock and before the next rising edge of CLK2.
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state
Table 4. 80960KB Pin Description: L-Bus Signals (Sheet 2 of 2)
NAME
TYPE
DESCRIPTION
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com