Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 21 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation 80960KB Datasheet HTML 19Page - Intel Corporation 80960KB Datasheet HTML 20Page - Intel Corporation 80960KB Datasheet HTML 21Page - Intel Corporation 80960KB Datasheet HTML 22Page - Intel Corporation 80960KB Datasheet HTML 23Page - Intel Corporation 80960KB Datasheet HTML 24Page - Intel Corporation 80960KB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
80960KB
15
2.7
DC Characteristics
2.6
Absolute Maximum Ratings
NOTICE:This is a production data sheet. The specifi-
cations are subject to change without notice.
Operating Temperature(PGA)................... 0°C to +85°C Case
(PQFP) ............. 0°C to +100°C Case
Storage Temperature .................................... –65°C to +150°C
Voltage on Any Pin .................................. –0.5V to VCC +0.5V
Power Dissipation ............................................ 2.5W (25 MHz)
*WARNING: Stressing the device beyond the
“Absolute Maximum Ratings” may cause
permanent damage. These are stress ratings
only. Operation beyond the “Operating Condi-
tions” is not recommended and extended
exposure beyond the “Operating Conditions” may
affect device reliability.
PGA:
80960KB (16 MHz) TCASE = 0°C to +85°C, VCC = 5V ± 10%
80960KB (20 and 25 MHz) TCASE = 0°C to +85°C, VCC = 5V ± 5%
PQFP:
80960KB (16 MHz) TCASE = 0°C to +100°C, VCC = 5V ± 10%
80960KB (20 and 25 MHz) TCASE = 0°C to +100°C, VCC = 5V ± 5%
Table 6. DC Characteristics
Symbol
Parameter
Min
Max
Units
Notes
VIL
Input Low Voltage
–0.3
+0.8
V
VIH
Input High Voltage
2.0
VCC + 0.3
V
VCL
CLK2 Input Low Voltage
–0.3
+0.8
V
VCH
CLK2 Input High Voltage
0.55 VCC
VCC + 0.3
V
VOL
Output Low Voltage
0.45
V
(1,2)
VOH
Output High Voltage
2.4
V
(3,4)
ICC
Power Supply Current:
16 MHz
20 MHz
25 MHz
315
360
420
mA
mA
mA
(5)
(5)
(5)
ILI
Input Leakage Current
±15
µA
0
≤ V
IN ≤ VCC
ILO
Output Leakage Current
±15
µA
0.45
≤ V
O ≤ VCC
CIN
Input Capacitance
10
pF
fC = 1 MHz (6)
CO
Output Capacitance
12
pF
fC = 1 MHz (6)
CCLK
Clock Capacitance
10
pF
fC = 1 MHz (6)
NOTES:
1. For three-state outputs, this parameter is measured at:
Address/Data ........................................ 4.0 mA
Controls.................................................. 5.0 mA
2. For open-drain outputs ........................... 25 mA
3. This parameter is measured at:
Address/Data ...................................... -1.0 mA
Controls................................................ -0.9 mA
ALE ..................................................... -5.0 mA
4. Not measured on open-drain outputs.
5. Measured at worst case frequency, VCC and temperature, with device operating and outputs loaded to the test conditions
in Figures 12 and 13. Figure 7, Figure 8 and Figure 9 indicate typical values.
6. Input, output and clock capacitance are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com