Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882IPFBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 4Page - Texas Instruments ADS7882IPFBT Datasheet HTML 5Page - Texas Instruments ADS7882IPFBT Datasheet HTML 6Page - Texas Instruments ADS7882IPFBT Datasheet HTML 7Page - Texas Instruments ADS7882IPFBT Datasheet HTML 8Page - Texas Instruments ADS7882IPFBT Datasheet HTML 9Page - Texas Instruments ADS7882IPFBT Datasheet HTML 10Page - Texas Instruments ADS7882IPFBT Datasheet HTML 11Page - Texas Instruments ADS7882IPFBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
DESCRIPTION AND TIMING DIAGRAMS
SAMPLING AND CONVERSION START
th2
th3
td1
td2
t(acq)
CS
CONVST
BUSY
td3
t(acq)
tw3
tw3
td4
tw1
CS
CONVST
BUSY
t(acq)
tw4
td2
CS
CONVST
BUSY
th1
tw5
ADS7882
SLAS630 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
There are three ways to start sampling. The rising edge of CONVST starts sampling with CS and BUSY being
low (see Figure 1) or it can be started with the falling edge of CS when CONVST is high and BUSY is low (see
Figure 2). Sampling can also be started with an internal conversion end (before BUSY falling edge) with CS
being low and CONVST high before an internal conversion end (see Figure 3). Also refer to the section DEVICE
OPERATION AND DATA READ IN BACK-TO-BACK CONVERSION for more details.
A conversion can be started two ways (a conversion start is the end of sampling). Either with the falling edge of
CONVST when CS is low (see Figure 1) or the falling edge of CS when CONVST is low (see Figure 2). A clean
and low jitter falling edge of these respective signals triggers a conversion start and is important to the
performance of the converter. The BUSY pin is brought high immediately following the CONVST falling edge.
BUSY stays high throughout the conversion process and returns low when the conversion has ended.
Figure 1. Sampling and Conversion Start Control With CONVST Pin
Figure 2. Sampling and Conversion Start Control With CS Pin
Figure 3. Sampling Start With CS Low and CONVST High (Back-to-Back)
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com