Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882IPFBT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 9Page - Texas Instruments ADS7882IPFBT Datasheet HTML 10Page - Texas Instruments ADS7882IPFBT Datasheet HTML 11Page - Texas Instruments ADS7882IPFBT Datasheet HTML 12Page - Texas Instruments ADS7882IPFBT Datasheet HTML 13Page - Texas Instruments ADS7882IPFBT Datasheet HTML 14Page - Texas Instruments ADS7882IPFBT Datasheet HTML 15Page - Texas Instruments ADS7882IPFBT Datasheet HTML 16Page - Texas Instruments ADS7882IPFBT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TYPICAL CHARACTERISTICS(1)
Bin
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
28
29
G001
4692
308
TA = 25°C
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
TA − Free-Air temperature − °C
11.08
11.10
11.12
11.14
11.16
11.18
11.20
11.22
11.24
−40
−20
0
20
40
60
80
G002
fIN = 100 kHz
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
TA − Free-Air temperature − °C
68.0
68.5
69.0
69.5
70.0
−40
−20
0
20
40
60
80
G003
fIN = 100 kHz
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
TA − Free-Air temperature − °C
68.0
68.5
69.0
69.5
70.0
70.5
71.0
−40
−20
0
20
40
60
80
G004
fIN = 100 kHz
Throughput = 3 MSPS
VA = 5 V
VREF = 2.5 V
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
EFFECTIVE NUMBER OF BITS
HISTOGRAM
vs
(DC CODE SPREAD CLOSE TO ZERO INPUT)
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
SIGNAL-TO-NOISE AND DISTORTION
SIGNAL-TO-NOISE RATIO
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 15.
Figure 16.
(1)
At sample rate = 3 MSPS, Vref = 2.5 V external, unless otherwise specified.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com