Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882IPFBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 1 Page - Texas Instruments

  ADS7882IPFBT Datasheet HTML 1Page - Texas Instruments ADS7882IPFBT Datasheet HTML 2Page - Texas Instruments ADS7882IPFBT Datasheet HTML 3Page - Texas Instruments ADS7882IPFBT Datasheet HTML 4Page - Texas Instruments ADS7882IPFBT Datasheet HTML 5Page - Texas Instruments ADS7882IPFBT Datasheet HTML 6Page - Texas Instruments ADS7882IPFBT Datasheet HTML 7Page - Texas Instruments ADS7882IPFBT Datasheet HTML 8Page - Texas Instruments ADS7882IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
_
+
SAR
Output
Latches
and
3-State
Drivers
BYTE
12/8-Bit Parallel
Data Output Bus
Conversion
and
Control Logic
CONVST
BUSY
CS
RD
A_PWD
PWD/RST
CDAC
Comparator
CLOCK
2.5 V
Internal
Reference
+IN
−IN
REFIN
REFOUT
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
12-BIT, 3-MSPS
LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
• 3-MHz Sample Rate, 12-Bit Resolution
• Zero Latency
The ADS7882 is a 12-bit 3-MSPS A-to-D converter
with 2.5-V internal reference. The device includes a
• Unipolar, Pseudo Differential Input, Range:
capacitor based SAR A/D converter with inherent
–
0 V to 2.5 V
sample and hold. The device offers a 12-bit parallel
• High-Speed Parallel Interface
interface with an additional byte mode that provides
easy interface with 8-bit processors. The device has
• 69.5 dB SNR at 100 kHz I/P
a pseudo-differential input stage.
• Power Dissipation 85 mW at 3 MSPS
The –IN swing of ±200 mV is useful to compensate
• Nap Mode (10 mW Power Dissipation)
for ground voltage mismatch between the ADC and
• Power Down (10 µW)
sensor and also to cancel common-mode noise. With
• Internal Reference
nap mode enabled, the device operates at lower
power when used at lower conversion rates. The
• Internal Reference Buffer
device is available in 48-pin TQFP package.
• 48-Pin TQFP Package
• Optical Networking (DWDM, MEMS Based
Switching)
• Spectrum Analyzers
• High Speed Data Acquisition Systems
• High Speed Close-Loop Systems
• Telecommunication
• Ultra-Sound Detection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS7882IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7882IPFBT TI-ADS7882IPFBT Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882IPFBT TI2-ADS7882IPFBT Datasheet
629Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
DECEMBER 2008
ADS7882IPFBT.B TI2-ADS7882IPFBT.B Datasheet
629Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
DECEMBER 2008
More results

Similar Description - ADS7882IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7891 BURR-BROWN-ADS7891 Datasheet
329Kb / 26P
14BIT 3 MSPS LOW POWER SAR ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com