Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC0804
Description  8-Bit 關P Compatible A/D Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804 Datasheet(HTML) 2 Page - Texas Instruments

  ADC0804 Datasheet HTML 1Page - Texas Instruments ADC0804 Datasheet HTML 2Page - Texas Instruments ADC0804 Datasheet HTML 3Page - Texas Instruments ADC0804 Datasheet HTML 4Page - Texas Instruments ADC0804 Datasheet HTML 5Page - Texas Instruments ADC0804 Datasheet HTML 6Page - Texas Instruments ADC0804 Datasheet HTML 7Page - Texas Instruments ADC0804 Datasheet HTML 8Page - Texas Instruments ADC0804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATIONS
8080 Interface
ERROR SPECIFICATION (Includes Full-Scale, Zero Error, and Non-Linearity)
VREF/2 = 2.500 VDC
VREF/2 = No Connection
FULL-SCALE
PART NUMBER
ADJUSTED
(No Adjustments)
(No Adjustments)
ADC0801
±1
⁄4 LSB
ADC0802
±1
⁄2 LSB
ADC0803
±1
⁄2 LSB
ADC0804
±1 LSB
ADC0805
±1 LSB
ABSOLUTE MAXIMUM RATINGS
If Military/Aerospace specified devices are required, contact the National Semiconductor Sales Office/Distributors for
availability and specifications.
VALUE
UNIT
Supply voltage (VCC)
(1)
6.5
V
Logic control inputs
–0.3 to +18
V
Voltage
At other input and outputs
–0.3 to (VCC +0.3)
V
Dual-In-Line Package (plastic
260
°C
Dual-In-Line Package (ceramic)
300
°C
Lead Temperature
(Soldering, 10 seconds)
Surface Mount Package Vapor Phase (60 seconds)
215
°C
Infrared (15 seconds)
220
°C
Storage Temperature Range
–65 to +150
°C
Package Dissipation at TA = 25°C
875
mW
ESD Susceptibility(2)
800
V
(1)
A zener diode exists, internally, from VCC to GND and has a typical breakdown voltage of 7 VDC.
(2)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com