Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 25 Page - Texas Instruments

Part # ADC0804
Description  8-Bit 關P Compatible A/D Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADC0804 Datasheet HTML 21Page - Texas Instruments ADC0804 Datasheet HTML 22Page - Texas Instruments ADC0804 Datasheet HTML 23Page - Texas Instruments ADC0804 Datasheet HTML 24Page - Texas Instruments ADC0804 Datasheet HTML 25Page - Texas Instruments ADC0804 Datasheet HTML 26Page - Texas Instruments ADC0804 Datasheet HTML 27Page - Texas Instruments ADC0804 Datasheet HTML 28Page - Texas Instruments ADC0804 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
-
+
+
-
=
é
ù
æ
öæ
ö
-
ê
ú
ç
֍
÷
ç
֍
÷
-
ê
ú
è
øè
ø
ë
û
@
CLK
CC
T
T
CC
T
T
1
f
V
V
V
RC ln
V
V
V
R
10 kΩ
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
(4)
where:
VMAX = The high end of the analog input range and
VMIN = the low end (the offset zero) of the analog range. (Both are ground referenced.)
The VREF/2 (or VCC) voltage is then adjusted to provide a code change from FEHEX to FFHEX. This completes the
adjustment procedure
Clocking Option
The clock for the A/D can be derived from the CPU clock or an external RC can be added to provide self-
clocking. The CLK IN (pin 4) makes use of a Schmitt trigger as shown in Figure 52.
Figure 52. Self-Clocking the A/D
Heavy capacitive or DC loading of the clock R pin should be avoided as this will disturb normal converter
operation. Loads less than 50 pF, such as driving up to 7 A/D converter clock inputs from a single clock R pin of
1 converter, are allowed. For larger clock line loading, a CMOS or low power TTL buffer or PNP input logic
should be used to minimize the loading on the clock R pin (do not use a standard TTL buffer).
Restart During a Conversion
If the A/D is restarted (CS and WR go low and return high) during a conversion, the converter is reset and a new
conversion is started. The output data latch is not updated if the conversion in process is not allowed to be
completed, therefore the data of the previous conversion remains in this latch. The INTR output simply remains
at the “1” level.
Continuous Conversions
For operation in the free-running mode an initializing pulse should be used, following power-up, to ensure circuit
operation. In this application, the CS input is grounded and the WR input is tied to the INTR output. This WR and
INTR node should be momentarily forced to logic low following a power-up cycle to ensure operation.
Driving the Data Bus
This MOS A/D, like MOS microprocessors and memories, will require a bus driver when the total capacitance of
the data bus gets large. Other circuitry, which is tied to the data bus, will add to the total capacitive loading, even
in TRI-STATE (high impedance mode). Backplane bussing also greatly adds to the stray capacitance of the data
bus.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com