Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC0804
Description  8-Bit 關P Compatible A/D Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC0804 Datasheet HTML 19Page - Texas Instruments ADC0804 Datasheet HTML 20Page - Texas Instruments ADC0804 Datasheet HTML 21Page - Texas Instruments ADC0804 Datasheet HTML 22Page - Texas Instruments ADC0804 Datasheet HTML 23Page - Texas Instruments ADC0804 Datasheet HTML 24Page - Texas Instruments ADC0804 Datasheet HTML 25Page - Texas Instruments ADC0804 Datasheet HTML 26Page - Texas Instruments ADC0804 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
Reference Voltage
Span Adjust
For maximum applications flexibility, these A/Ds have been designed to accommodate a 5 VDC, 2.5 VDC or an
adjusted voltage reference. This has been achieved in the design of the IC as shown in Figure 50.
Figure 50. The VREFERENCE Design on the IC
Notice that the reference voltage for the IC is either 1/2 of the voltage applied to the VCC supply pin, or is equal to
the voltage that is externally forced at the VREF/2 pin. This allows for a ratiometric voltage reference using the
VCC supply, a 5 VDC reference voltage can be used for the VCC supply or a voltage less than 2.5 VDC can be
applied to the VREF/2 input for increased application flexibility. The internal gain to the VREF/2 input is 2, making
the full-scale differential input voltage twice the voltage at pin 9.
An example of the use of an adjusted reference voltage is to accommodate a reduced span — or dynamic
voltage range of the analog input voltage. If the analog input voltage were to range from 0.5 VDC to 3.5 VDC,
instead of 0V to 5 VDC, the span would be 3V as shown in Figure 51. With 0.5 VDC applied to the VIN(−) pin to
absorb the offset, the reference voltage can be made equal to 1/2 of the 3V span or 1.5 VDC. The A/D now will
encode the VIN(+) signal from 0.5V to 3.5 V with the 0.5V input corresponding to zero and the 3.5 VDC input
corresponding to full-scale. The full 8 bits of resolution are therefore applied over this reduced analog input
voltage range.
Reference Accuracy Requirements
The converter can be operated in a ratiometric mode or an absolute mode. In ratiometric converter applications,
the magnitude of the reference voltage is a factor in both the output of the source transducer and the output of
the A/D converter and therefore cancels out in the final digital output code. The ADC0805 is specified particularly
for use in ratiometric applications with no adjustments required. In absolute conversion applications, both the
initial value and the temperature stability of the reference voltage are important factors in the accuracy of the A/D
converter. For VREF/2 voltages of 2.4 VDC nominal value, initial errors of ±10 mVDC will cause conversion errors of
±1 LSB due to the gain of 2 of the VREF/2 input. In reduced span applications, the initial value and the stability of
the VREF/2 input voltage become even more important. For example, if the span is reduced to 2.5V, the analog
input LSB voltage value is correspondingly reduced from 20 mV (5V span) to 10 mV and 1 LSB at the VREF/2
input becomes 5 mV. As can be seen, this reduces the allowed initial tolerance of the reference voltage and
requires correspondingly less absolute change with temperature variations. Note that spans smaller than 2.5V
place even tighter requirements on the initial accuracy and stability of the reference source.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com