Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 31Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 32Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 33Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 34Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 35Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 36Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 37Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 38Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
ADS1258-EP
www.ti.com
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
BITS DATA[23:0] OF DATA BYTES
The ADC output data are 24 bits wide (DATA[23:0]). DATA23 is the most significant bit (MSB) and DATA0 is the
least significant bit (LSB). The data is coded in binary twos complement format.
Table 11. Channel ID and Measurement Order (Auto-Scan Mode)
BITS CHID[4:0]
PRIORITY
CHANNEL
DESCRIPTION
00h
1 (Highest)
DIFF0 (AIN0
–AIN1)
Differential 0
01h
2
DIFF1 (AIN2
–AIN3)
Differential 1
02h
3
DIFF2 (AIN4
–AIN5)
Differential 2
03h
4
DIFF3 (AIN6
–AIN7)
Differential 3
04h
5
DIFF4 (AIN8
– AIN9)
Differential 4
05h
6
DIFF5 (AIN10
–AIN11)
Differential 5
06h
7
DIFF6 (AIN12
–AIN13)
Differential 6
07h
8
DIFF7 (AIN14
–AIN15)
Differential 7
08h
9
AIN0
Single-Ended 0
09h
10
AIN1
Single-Ended 1
0Ah
11
AIN2
Single-Ended 2
0Bh
12
AIN3
Single-Ended 3
0Ch
13
AIN4
Single-Ended 4
0Dh
14
AIN5
Single-Ended 5
0Eh
15
AIN6
Single-Ended 6
0Fh
16
AIN7
Single-Ended 7
10h
17
AIN8
Single-Ended 8
11h
18
AIN9
Single-Ended 9
12h
19
AIN10
Single-Ended 10
13h
20
AIN11
Single-Ended 11
14h
21
AIN12
Single-Ended 12
15h
22
AIN13
Single-Ended 13
16h
23
AIN14
Single-Ended 14
17h
24
AIN15
Single-Ended 15
18h
25
OFFSET
OFFSET
1Ah
26
VCC
AVDD
– AVSS Supplies
1Bh
27
TEMP
Temperature
1Ch
28
GAIN
Gain
1Dh
29 (Lowest)
REF
External Reference
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com