Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 35Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 36Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 37Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 38Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 39Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 40Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 41Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 42Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
ADS1258-EP
www.ti.com
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
CONFIG1: CONFIGURATION REGISTER 1 (Address = 01h)
7
6
5
4
3
2
1
0
IDLMOD
DLY2
DLY1
DLY0
SBCS1
SBCS0
DRATE1
DRATE0
Default = 83h.
Bit 7
IDLMOD
This bit selects the Idle mode when the device is not converting, Standby or Sleep. The Sleep mode
offers lower power consumption but has a longer wake-up time to re-enter the run mode; see the Idle
Modes section.
0 = Select Standby Mode
1 = Select Sleep Mode (default)
Bits
DLY[2:0]
6
–4
These bits set the amount of time the converter will delay after indexing to a new channel but before
starting a new conversion. This value should be set large enough to allow for the full settling of
external filtering or buffering circuits used between the MUXOUTP, MUXOUTN, and ADCINP,
ADCINN pins; see the Switch Time Delay section. (default = 000)
Bits
SBCS[1:0]
3
–2
These bits set the sensor bias current source.
0 = Sensor Bias Current Source Off (default)
1 = 1.5
µA Source
3 = 24
µA Source
Bits
DRATE[1:0]
1
–0
These bits set the data rate of the converter. Slower reading rates yield increased resolution; see
Table 4. The actual data rates shown in the table can be slower, depending on the use of Switch Time
Delay or the Chop feature. See the Switch Time Delay section. The reading rate scales with the
master clock frequency.
DATA RATE
DATA RATE
AUTO-SCAN MODE
FIXED-CHANNEL MODE
DRATE[1:0]
(SPS)
(SPS)
11
23739
125000
10
15123
31250
01
6168
7813
00
1831
1953
fCLK = 16MHz, Chop = 0, Delay = 0.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com