Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 2Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 3Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 4Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 5Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 6Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 7Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 8Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 9Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
ADS1258-EP
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
www.ti.com
PIN ASSIGNMENTS
ANALOG/DIGITAL
PIN #
NAME
INPUT/OUTPUT
DESCRIPTION
1
AIN3
Analog Input
Analog Input 3: Single-Ended Channel 3, Differential Channel 1 (
–)
2
AIN2
Analog Input
Analog Input 2: Single-Ended Channel 2, Differential Channel 1 (+)
3
AIN1
Analog Input
Analog Input 1: Single-Ended Channel 1, Differential Channel 0 (
–)
4
AIN0
Analog Input
Analog Input 0: Single-Ended Channel 0, Differential Channel 0 (+)
Negative Analog Power Supply: 0V for unipolar operation,
–2.5 V for bipolar operation.
5
AVSS
Analog
(Internally connected to exposed thermal pad of QFN package.)
6
AVDD
Analog
Positive Analog Power Supply: 5 V for unipolar operation, 2.5 V for bipolar operation.
7
PLLCAP
Analog
PLL Bypass Capacitor: Connect 22nF capacitor to AVSS when using crystal oscillator.
8
XTAL1
Analog
32.768-kHz Crystal Oscillator Input 1; see the Chrystal Oscillator section.
9
XTAL2
Analog
32.768-kHz Crystal Oscillator Input 2; see the Chrystal Oscillator section.
10
PWDN
Digital Input
Power-Down Input: Hold low for minimum of two fCLK cycles to engage low-power mode.
11
RESET
Digital Input
Reset Input: Hold low for minimum of two fCLK cycles to reset the device.
Clock Select Input: Low = Activates Crystal Oscillator, fCLK output on CLKIO.
12
CLKSEL
Digital Input
High = Disables Crystal Oscillator, apply fCLK to CLKIO.
13
CLKIO
Digital I/O
System Clock Input/Output (See CLKSEL pin.)
14
GPIO0
Digital I/O
General-Purpose Digital Input/Output 0
15
GPIO1
Digital I/O
General-Purpose Digital Input/Output 1
16
GPIO2
Digital I/O
General-Purpose Digital Input/Output 2
17
GPIO3
Digital I/O
General-Purpose Digital Input/Output 3
18
GPIO4
Digital I/O
General-Purpose Digital Input/Output 4
19
GPIO5
Digital I/O
General-Purpose Digital Input/Output 5
20
GPIO6
Digital I/O
General-Purpose Digital Input/Output 6
21
GPIO7
Digital I/O
General-Purpose Digital Input/Output 7
22
SCLK
Digital Input
SPI Interface Clock Input: Data clocked in on rising edge, clocked out on falling edge.
23
DIN
Digital Input
SPI Interface Data Input: Data is input to the device.
24
DOUT
Digital Output
SPI Interface Data Output: Data is output from the device.
25
DRDY
Digital Output
Data Ready Output: Active low.
26
START
Digital Input
Start Conversion Input: Active high.
27
CS
Digital Input
SPI Interface Chip Select Input: Active low.
28
DVDD
Digital
Digital Power Supply: 2.7 V to 5.25 V
29
DGND
Digital
Digital Ground
30
VREFN
Analog Input
Reference Input Negative
31
VREFP
Analog Input
Reference Input Positive
32
AINCOM
Analog Input
Analog Input Common: Common input pin to all single-ended inputs.
33
AIN15
Analog Input
Analog Input 15: Single-Ended Channel 15, Differential Channel 7 (
–)
34
AIN14
Analog Input
Analog Input 14: Single-Ended Channel 14, Differential Channel 7 (+)
35
AIN13
Analog Input
Analog Input 13: Single-Ended Channel 13, Differential Channel 6 (
–)
36
AIN12
Analog Input
Analog Input 12: Single-Ended Channel 12, Differential Channel 6 (+)
37
AIN11
Analog Input
Analog Input 11: Single-Ended Channel 11, Differential Channel 5 (
–)
38
AIN10
Analog Input
Analog Input 10: Single-Ended Channel 10, Differential Channel 5 (+)
39
AIN9
Analog Input
Analog Input 9: Single-Ended Channel 9, Differential Channel 4 (
–)
40
AIN8
Analog Input
Analog Input 8: Single-Ended Channel 8, Differential Channel 4 (+)
41
ADCINN
Analog Input
ADC Differential Input (
–)
42
ADCINP
Analog Input
ADC Differential Input (+)
43
MUXOUTN
Analog Output
Multiplexer Differential Output (
–)
44
MUXOUTP
Analog Output
Multiplexer Differential Output (+)
45
AIN7
Analog Input
Analog Input 7: Single-Ended Channel 7, Differential Channel 3 (
–)
46
AIN6
Analog Input
Analog Input 6 : Single-Ended Channel 6, Differential Channel 3 (+)
47
AIN5
Analog Input
Analog Input 5: Single-Ended Channel 5, Differential Channel 2 (
–)
48
AIN4
Analog Input
Analog Input 4: Single-Ended Channel 4, Differential Channel 2 (+)
6
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com