Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPD2
Description  CompactPCI/PICMG 2.16 Pentium Core-Duo SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPD2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CPD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dynatem Inc., (800)543-3830, (949)855-3235, Fax: (949)770-3481, Email:sales@dynatem.com, Web:www.dynatem.com
DRAM
2 or 4 GBytes of DDR2-400 memory
Two banks that are each 64 bits wide with ECC support
CompactPCI
PICMG 2.0 R3.0 Compliant
PLX non-transparent PCI-PCI bridge provides 64-bit
CompactPCI transfer rates at 66 MHz
Universal bridge lets the CPD2 operate as a system
controller or a peripheral slot module
Supports Hot Swapping according to PICMG 2.1 R2.0
Connectors J3 and J5 are used for I/O expansion
PMC Expansion
Two PMC sites each with a dedicated 64-bit 133 MHz
PCI-X bus interfaced to the E7520 via two separate
Tsi384 PCIe to PCI-X bridges. This architecture
provides 1 GB access to E7520
One of PMC sites supports XMC modules with x8 PCIe
Ethernet/PICMG 2.16
Two Intel 82571EB dual PCI express Ethernet controllers
provide a total of four 10/100/1000BaseTX ports
Two ports routed to the front panel
Two ports routed to the J3 connector in compliance with
PICMG 2.16 for backplane fabric switching or for
alternate routing to an optional rear I/O card
Graphics
The Silicon Motion SM712 ultra low-power display
controller with 4 MB on-chip memory
VGA routed to J5
IDE/Flash
Primary ATA/100 DMA IDE interface is optionally
accessible from the J5
Secondary IDE port is routed to a Silicon Motion SM-
2231
NAND Flash controller.
16 GB of NAND Flash is installed
BIOS
Phoenix’s flash-based system BIOS with boot options
including CD-ROM, USB, and PXE over Ethernet
Watchdog
Programmable watchdog timer for system recovery
I/O interfaces accessible from the front panel
Dual 10/100/1000BaseTX, Dual USB 2.0, access to both
PMC sites
2
I/O interfaces routed to optional rear plug-in board
VGA, IDE, COM1/2/3/4 (COM2 optionally RS-422), dual
Serial ATA, keyboard, mouse, and dual USB 2.0 ports
(routed through J5)
Two Gb Ethernet ports in compliance with PICMG 2.16
(routed through J3)
Access to both PMC sites
XPDRIO Rear Transition Module
Optional rear I/O interface board (RTM) with:
One USB connector
40-pin IDE connector
Two RJ-45 connectors for Gb Ethernet
One SATA connector
COM 1,2,3,4 connector (COM3 has RS-422 option)
PS/2 keyboard mouse
VGA
Audio In and Out
Two optional PMC Interface (PIM) Modules
XPDRIO2 Rear Transition Module
Optional rear I/O interface board (RTM) with:
Two USB connectors
Optional 40-pin IDE connector
Two RJ-45 connectors for Gb Ethernet
One SATA connector on front panel plus a 1.8" SATA
drive connector for mounting onboard
COM 1,2 optional COM3, 4 (COM3 has RS-422
option)
PS/2 keyboard mouse option
VGA
Two optional PMC Interface (PIM) Modules
Operating temperature
The CPD2 has a standard operating temperature range of
0°/+70° C
Extended temp versions are available
Rugged/Conduction-cooled Versions
CRD2 is a conduction-cooled version of the CPD2
Convection-cooled and conduction-cooled versions have
conformal coating as an option
Net Weight
Approximately 15 oz
Power Requirements
1.5 GHz L7400: +5VDC @5.5A peak,
3.3VDC@2.0A steady
3.0VDC Lithium Coin Cell @3.4 µA
2.16 GHz T7400: +5VDC @8.0A peak



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com