Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CPD2
Description  CompactPCI/PICMG 2.16 Pentium Core-Duo SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPD2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CPD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CPD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dynatem Inc., (800)543-3830, (949)855-3235, Fax: (949)770-3481, Email: sales@dynatem.com, Web: www.dynatem.com
Ordering Information:
Part#
Description
CPDWRS
CompactPCI single-slot processor with 1.5 GHz Core2-Duo, 2 GB DDR-400. With CompactPCI,
PICMG 2.16, IPMI. With 16 GB NAND Flash installed
xxxxSx
Upgrade to 4 GB DDR2-400
xxxxxT
Upgrade to 2.16 GHz Core2 Duo T7400
xxxxxxx-ER
Extended operating temperature
CONCOAT
Conformal coating option
XPDDRIO
Optional rear I/O interface board
XPDDRIO2
Optional rear I/O interface board
4
XPDRIO RTM I/O Interface
XPDRIO2 RTM I/O Interface



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com