Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPD2
Description  CompactPCI/PICMG 2.16 Pentium Core-Duo SBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPD2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CPD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CompactPCI/PICMG 2.16 Pentium Core-Duo SBC
Dynatem Inc., (800)543-3830, (949)855-3235, Fax: (949)770-3481, Email:sales@dynatem.com, Web:www.dynatem.com
CPD2
The CPD2 is a 6U single-slot Compact PCI (PCMG 2.16 compatible) platform based on the Intel® Core™2
Duo Mobile Processor L7400 at 1.5 GHz or the T7400 at 2.16 GHz . The CPD2 takes advantage of the
Core2-Duo’s low 17 W power consumption (at 1.5 GHz) as a rugged Single Board Computer (SBC) and it is
optionally available as a conduction-cooled Compact PCI module with wedge locks and a full-board heat sink
for high shock/vibration environments and temperature extremes. For the conduction-cooled version, see
CRD2.
The E7520 Memory Controller Hub (MCH) and 6300ESB I/O Controller Hub (ICH) chipset supports PCI-X
and PCIe expansion, USB 2.0, ATA/100, and Serial ATA (SATA). Two Gb Ethernet ports and two USB 2.0
ports are accessible from the front panel in addition to two PMC bezels. 16 GB of on-board Flash permits sin-
gle-slot booting. Two PICMG 2.16-compliant, 10/100/1000BaseTX ports are routed to the backplane. Two
SATA ports, VGA video,up to four COM ports, an optional IDE interface, PS/2 mouse & keyboard, and two
more USB 2.0 ports are routed to the backplane. Two PMC-X site is provided for additional I/O expansion.
One of the sites is XMC compatible and supports x8 PCIexpress. Conventional PC I/O is accessible with
industry-standard connectors on optional rear I/O modules.
E7520 & 6300ESB Chipset
Two x4 PCI Express interfaces are routed to two dual Gb
Ethernet controllers
Two x4 PCI Express interfaces are routed to the two PMC
sites via two Tsi384 PCIe to PCI-X bridges. This
provides each PMC site with a dedicated 64-bit 133
MHz PCI-X bus with a 1 GB bandwidth
One x8 PCI Express interfaces is routed to an XMC site
DDR2-400 DRAM interface with a max memory band
width of 6.4 GB/second
Four USB 2.0 Ports
PATA/100 and SATA/150 support
PCI-X 64/66 for the PLX PCI6466 PCI/PCI bridge
PCI 32/33 for SM712 VGA controller
Core™2 Duo Mobile Processor
1.5 GHz or 2.16 GHz, 479-pin uFC-BGA Core 2 Duo
manufactured with low-power 65 nm process
4 MB L2 Cache
667 MHz front side bus
64-bit OS and application support
Single-slot Operation
Single-slot CompactPCI operation with 16 GB of
on-board Flash disk for bootable mass storage


Similar Part No. - CPD2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD20-CMR5H-06 CENTRAL-CPD20-CMR5H-06 Datasheet
740Kb / 4P
HyperFast Rectifier Die 5.0 Amp, 600 Volt
R3 27-July 2018
logo
Power-One
CPD200-4530 POWER-ONE-CPD200-4530 Datasheet
330Kb / 13P
200 - 250 Watt CompactPCI DC-DC Converters
logo
Bel Fuse Inc.
CPD200-4530 BEL-CPD200-4530 Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
logo
Power-One
CPD200-4530G POWER-ONE-CPD200-4530G Datasheet
330Kb / 13P
200 - 250 Watt CompactPCI DC-DC Converters
logo
Bel Fuse Inc.
CPD200-4530G BEL-CPD200-4530G Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
More results

Similar Description - CPD2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U610-4A02 ADVANTECH-SYS-4U610-4A02 Datasheet
431Kb / 2P
4U Intel짰 Core??2 Quad ATX / Core 2 Duo SBC System
SYS-6W6606-4S01 ADVANTECH-SYS-6W6606-4S01 Datasheet
469Kb / 2P
6-slot Intel짰 Core??2 Duo PICMG 1.0 SBC System
SYS-6W6806-3H01 ADVANTECH-SYS-6W6806-3H01 Datasheet
378Kb / 2P
6-slot Intel짰 Core??2 Duo PICMG 1.3 Half-size SBC System
logo
AAEON Technology
SBC-860 AAEON-SBC-860 Datasheet
363Kb / 1P
Intel Pentium 4 PICMG Full-size SBC
logo
National Instruments Co...
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
Intel Core 2 Duo processor T7400(2.16 GHz dual core)
logo
Advantech Co., Ltd.
PCA-6010 ADVANTECH-PCA-6010_11 Datasheet
1Mb / 2P
LGA775 Intel짰 Core?? Duo SBC LGA775 Intel짰 Core?? Duo SBC
SYS-6W6606-4S01 ADVANTECH-SYS-6W6606-4S01_11 Datasheet
1Mb / 2P
2 Duo PICMG 1.0 SBC System
SYS-6W6608-4S02 ADVANTECH-SYS-6W6608-4S02 Datasheet
244Kb / 1P
Duo PICMG 1.0 SBC System
SYS-6W6608-4S03 ADVANTECH-SYS-6W6608-4S03 Datasheet
1Mb / 2P
Quad PICMG 1.0 SBC
PCA-6010G2-00A2E ADVANTECH-PCA-6010G2-00A2E Datasheet
1Mb / 2P
LGA775 Intel짰 Core?? Duo SBC with Dual GbE and DVI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com