Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047D Datasheet(PDF) 7 Page - ams AG

Part # AS5047D
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 7 Page - ams AG

Back Button AS5047D Datasheet HTML 3Page - ams AG AS5047D Datasheet HTML 4Page - ams AG AS5047D Datasheet HTML 5Page - ams AG AS5047D Datasheet HTML 6Page - ams AG AS5047D Datasheet HTML 7Page - ams AG AS5047D Datasheet HTML 8Page - ams AG AS5047D Datasheet HTML 9Page - ams AG AS5047D Datasheet HTML 10Page - ams AG AS5047D Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ams Datasheet: 2014-Jun-27 [v1-02]
AS5047D – 7
Ma g n etic C h arac teristics
Figure 7:
Magnetic Specifications
Note(s) and/or Footnote(s):
1. it is possible to operate the AS5047D below 35mT with reduced noise performance.
Figure 8:
System Specifications
Symbol
Parameter
Conditions
Min
Max
Unit
Bz
Orthogonal magnetic field
strength, normal operating
mode
Required orthogonal component of the
magnetic field strength measured at the
die's surface along a circle of 1.1mm
35
70
mT
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Core resolution
14
bit
RES_ABI
Resolution of the ABI
interface
Programmable with register
setting (ABIRES)
32
2048
Steps per
revolution
INLOPT @
25°C
Non-linearity, optimum
placement of the
magnet
±0.8
Deg
INLOPT+TEMP
Non-linearity optimum
placement of the
magnet over the full
Temperature Range
±1
Deg
INLDIS+TEMP
Non-linearity @
displacement of
magnet and
temperature -40°C to
150°C
Assuming N35H Magnet
(D=8mm, H=3mm) 500um
displacement in x and y
z-distance @ 2000um
±1.2
Deg
ONL
RMS output noise
(1 sigma)
Orthogonal component for
the magnetic field within the
specified range (Bz),
NOISESET = 0
0.068
degree
ON_PWM
RMS output noise
(1 sigma) on PWM
interface
Orthogonal component for
the magnetic field within the
specified range (Bz)
0.068
degree
tdelay
System propagation
delay –core
Reading angle via SPI
90
110
μs
Magnetic Characteristics
System Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com