Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047D Datasheet(PDF) 2 Page - ams AG

Part # AS5047D
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 2 Page - ams AG

  AS5047D Datasheet HTML 1Page - ams AG AS5047D Datasheet HTML 2Page - ams AG AS5047D Datasheet HTML 3Page - ams AG AS5047D Datasheet HTML 4Page - ams AG AS5047D Datasheet HTML 5Page - ams AG AS5047D Datasheet HTML 6Page - ams AG AS5047D Datasheet HTML 7Page - ams AG AS5047D Datasheet HTML 8Page - ams AG AS5047D Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
AS5047D – 2
ams Datasheet: 2014-Jun-27 [v1-02]
G e n e ral D e sc rip t ion
Key Benefits & Features
The benefits and features of AS5047D, 14-bit On-Axis Magnetic
Rotary Position Sensor with 11-bit Decimal & Binary
Incremental Pulse Count are listed below:
Figure 1:
Added Value of Using the AS5047D
Applications
The AS5047D is ideally suited to support BLDC motor
commutation for the most challenging industrial applications
such as factory automation, building automation, robotics,
PMSM (permanent magnet synchronous motor) and stepper
motors closed loop in as well optical encoder replacement.
Benefits
Features
Easy to use – saving costs on DSP
DAEC™ Dynamic angle error compensation
Good resolution for motor & position control
14-bit core resolution
Simple optical encoder replacement
ABI programmable decimal and binary pulse-count:
500, 400, 300, 200, 100, 50, 25, 8, 512, 256 ppr
No programmer needed (via SPI command)
Zero position, configuration programmable
Versatile choice of the interface
Independent output interfaces: SPI, ABI, UVW, PWM
Lower system costs (no shielding)
Immune to external stray field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com