Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047D Datasheet(PDF) 4 Page - ams AG

Part # AS5047D
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 4 Page - ams AG

  AS5047D Datasheet HTML 1Page - ams AG AS5047D Datasheet HTML 2Page - ams AG AS5047D Datasheet HTML 3Page - ams AG AS5047D Datasheet HTML 4Page - ams AG AS5047D Datasheet HTML 5Page - ams AG AS5047D Datasheet HTML 6Page - ams AG AS5047D Datasheet HTML 7Page - ams AG AS5047D Datasheet HTML 8Page - ams AG AS5047D Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AS5047D – 4
ams Datasheet: 2014-Jun-27 [v1-02]
P i n A ssig n me n t
Figure 3:
TSSOP-14 Pin Assignment
Figure 4:
Pin Description
Pin Number
Pin Name
Pin Type
Description
1
CSn
Digital input
SPI chip select (active low)
2CLK
Digital input
SPI clock
3
MISO
Digital output
SPI master data input, slave output
4
MOSI
Digital input
SPI master data output, slave input
5
Test
Test pin (connect to ground)
6
B
Digital output
Incremental signal B
7
A
Digital output
Incremental signal A
8
W/PWM
Digital output
Commutation signal W or PWM
9
V
Digital output
Commutation signal V
10
U
Digital output
Commutation signal U
11
VDD
Power supply
5V power supply voltage for on-chip regulator
12
VDD3V3
Power supply
3.3V on-chip low-dropout (LDO) output. Requires an
external decoupling capacitor (1uF)
13
GND
Power supply
Ground
14
I
Digital output
Incremental signal I (index) or PWM
Pin Assignment
CSn
CLK
MISO
MOSI
TEST
B
A
I / PWM
GND
VDD3V
VDD
U
V
W / PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com