Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1401CS Datasheet(PDF) 7 Page - ams AG

Part # TSL1401CS
Description  128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CS Datasheet(HTML) 7 Page - ams AG

Back Button TSL1401CS Datasheet HTML 3Page - ams AG TSL1401CS Datasheet HTML 4Page - ams AG TSL1401CS Datasheet HTML 5Page - ams AG TSL1401CS Datasheet HTML 6Page - ams AG TSL1401CS Datasheet HTML 7Page - ams AG TSL1401CS Datasheet HTML 8Page - ams AG TSL1401CS Datasheet HTML 9Page - ams AG TSL1401CS Datasheet HTML 10Page - ams AG TSL1401CS Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TSL1401CS−LF
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS072E − APRIL 2007
6
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 3
PHOTODIODE SPECTRAL RESPONSIVITY
λ − Wavelength − nm
400
500
600
700
800
900 1000 1100
300
0
0.2
0.4
0.6
0.8
1
TA = 25°C
Figure 4
IDLE SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−40
−15
10
35
60
85
VDD = 5 V
Figure 5
AVERAGE ANALOG OUTPUT VOLTAGE, WHITE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
−40
−15
10
35
60
85
tint = 5 ms
tint = 10 ms
tint = 2.5 ms
tint = 1 ms
tint = 0.5 ms
Figure 6
AVERAGE ANALOG OUTPUT VOLTAGE, DARK
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0
0.02
0.04
0.06
0.08
0.10
0.12
−40
−15
10
35
60
85
tint = 5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com