Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1401CS Datasheet(PDF) 9 Page - ams AG

Part # TSL1401CS
Description  128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CS Datasheet(HTML) 9 Page - ams AG

Back Button TSL1401CS Datasheet HTML 5Page - ams AG TSL1401CS Datasheet HTML 6Page - ams AG TSL1401CS Datasheet HTML 7Page - ams AG TSL1401CS Datasheet HTML 8Page - ams AG TSL1401CS Datasheet HTML 9Page - ams AG TSL1401CS Datasheet HTML 10Page - ams AG TSL1401CS Datasheet HTML 11Page - ams AG TSL1401CS Datasheet HTML 12Page - ams AG TSL1401CS Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TSL1401CS−LF
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS072E − APRIL 2007
8
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
APPLICATION INFORMATION
Power Supply Considerations
A 0.1 μF bypass capacitor should be connected between VDD and ground as close as possible to the device.
Connection Diagrams
The HOLD pin on the device is normally connected to the SI pin in single-die operation. In multi-die operation
of n die, the HOLD pin is used to provide a continuous scan across the n die. See Figure 9 for an example of
this wiring configuration. Note that there is a single AO signal when used in this mode. Alternately, the individual
die may be scanned all at once by connecting the individual SI and HOLD lines and reading the AO signals in
parallel. See Figure 10 for an example of this wiring configuration.
SO
7
AO
6
GND
GND
SI
HOLD
CLK
TSL1401CS−LF
VDD
5
8
4
3
2
1
SO
7
AO
6
GND
SI
HOLD
CLK
TSL1401CS−LF
VDD
5
8
4
3
2
1
SO
7
AO
6
GND
SI
HOLD
CLK
TSL1401CS−LF
VDD
5
8
4
3
2
1
AO
SI
CLK
VDD
C1
0.1 mF
C2
0.1 mF
C3
0.1 mF
Figure 9. Multi-Die Continuous Scan
SO
7
AO
6
GND
GND
SI
HOLD
CLK
TSL1401CS−LF
VDD
5
8
4
3
2
1
SO
7
AO
6
GND
SI
HOLD
CLK
TSL1401CS−LF
VDD
5
8
4
3
2
1
SO
7
AO
6
GND
SI
HOLD
CLK
TSL1401CS−LF
VDD
5
8
4
3
2
1
AO2
SI
CLK
VDD
AO1
AO3
C1
0.1 mF
C2
0.1 mF
C3
0.1 mF
Figure 10. Multi-Die Individual Scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com