Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1401CS Datasheet(PDF) 15 Page - ams AG

Part # TSL1401CS
Description  128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CS Datasheet(HTML) 15 Page - ams AG

Back Button TSL1401CS Datasheet HTML 11Page - ams AG TSL1401CS Datasheet HTML 12Page - ams AG TSL1401CS Datasheet HTML 13Page - ams AG TSL1401CS Datasheet HTML 14Page - ams AG TSL1401CS Datasheet HTML 15Page - ams AG TSL1401CS Datasheet HTML 16Page - ams AG TSL1401CS Datasheet HTML 17Page - ams AG TSL1401CS Datasheet HTML 18Page - ams AG TSL1401CS Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TSL1401CS−LF
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS072E − APRIL 2007
14
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MANUFACTURING INFORMATION
This product, in the solder bump linear array package, has been tested and has demonstrated an ability to be
reflow soldered to a PCB substrate. The process, equipment, and materials used in these tests are detailed
below.
Tooling Required
D Solder stencil (round aperture size 0.36 mm, stencil thickness of 152.4 μm)
D 20 × 20 frame for solder stencil
Process
1. Apply solder paste using stencil
2. Dispense adhesive dots
3. Place component
4. Reflow solder/cure
5. X-Ray verify
Placement of the TSL1401CS−LF device onto the gold immersion substrate is accomplished using a standard
surface mount manufacturing process. First, using the stencil with 0.36 mm square aperture, print solder paste
onto the substrate. Next, dispense two 0.25 mm to 0.4 mm diameter dots of adhesive in opposing corners of
the TSL1401CS−LF mounting area. Machine place the TSL1401CS−LF from the JEDEC waffle carrier onto the
substrate. A suggested pick-up tool is the Siemens Vacuum Pickup tool nozzle number 912. This nozzle has
a rubber tip with a diameter of approximately 0.75 mm. The part is picked up from the center of the body. Reflow
the solder and cure the adhesive using the solder profile shown in Figure 14.
The reflow profiles specified here describe expected maximum heat exposure of components during the solder
reflow process of product on a PWB. Temperature is measured at the top of component. The components
should be limited to one pass through the solder reflow profile used.
Table 1. TSL1401CS−LF Solder Reflow Profile
PARAMETER
REFERENCE
TSL1401CS−LF
Average temperature gradient in preheating
2.5°C/sec
Soak time
tsoak
2 to 3 minutes
Time above T1, 217°C
t1
Max 60 sec
Time above T2, 230°C
t2
Max 50 sec
Time above T3, (Tpeak −10°C)
t3
Max 10 sec
Peak temperature in reflow
Tpeak
260°C (−0°C/+5°C)
Temperature gradient in cooling
Max −5°C/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com