Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP705 Datasheet(PDF) 12 Page - Exar Corporation

Part # SP705
Description  Low Power Microprocessor Supervisory Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP705 Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP705 Datasheet HTML 8Page - Exar Corporation SP705 Datasheet HTML 9Page - Exar Corporation SP705 Datasheet HTML 10Page - Exar Corporation SP705 Datasheet HTML 11Page - Exar Corporation SP705 Datasheet HTML 12Page - Exar Corporation SP705 Datasheet HTML 13Page - Exar Corporation SP705 Datasheet HTML 14Page - Exar Corporation SP705 Datasheet HTML 15Page - Exar Corporation SP705 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
S
SP
P7
70
05
5--S
SP
P7
70
08
8--S
SP
P8
81
13
3L
L
L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
12/17
Rev. 2.0.0
Fig. 23: Interfacing to Microprocessors
with Bidirectional REST I/O (SP705/706/708)
APPLICATIONS
The SP705-708/813L series offers unmatched
performance
and
the
lowest
power
consumption for these industry standard
devices. Refer to Figures 24 and 25 for supply
current
performance
characteristics
rated
against temperature and supply voltages.
Table 2 shows how the SP705-708/813L series
can
be
used
instead
of
the
Dallas
Semiconductor
DS1232LP/LPS.
Table
2
illustrates to a designer the advantages and
tradeoffs
of
the
SP705-708/813L
series
compared to the Dallas Semiconductor device.
While the names of the pin descriptions may
differ, the functions are the same or very
similar. Unlike the DS1232, the SP705-
708/813L series has a separate watchdog
output pin WDO which can be simply
connected to the MR input to generate a Reset
signal.
The
DS1232
has
pin
selectable
features, while the SP705-708/813L series has
more fixed functions of reset threshold and
watchdog
time-out
delay.
For
most
applications, the fixed functions will be
preferred, with the benefit of reduced cost due
to a less complex part. In addition, the SP705-
708/ 813L series has a power fail input and
output function not available with the DS1232
that is useful for monitoring systems with
unregulated supply voltages. The SP705-
708/813L series is available in one of the
industry's
smallest
space-saving
package
sizes, the MSOP.
Fig. 24: Supply Current vs. Temperature
Fig. 25: Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com