Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP705 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP705
Description  Low Power Microprocessor Supervisory Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP705 Datasheet(HTML) 5 Page - Exar Corporation

  SP705 Datasheet HTML 1Page - Exar Corporation SP705 Datasheet HTML 2Page - Exar Corporation SP705 Datasheet HTML 3Page - Exar Corporation SP705 Datasheet HTML 4Page - Exar Corporation SP705 Datasheet HTML 5Page - Exar Corporation SP705 Datasheet HTML 6Page - Exar Corporation SP705 Datasheet HTML 7Page - Exar Corporation SP705 Datasheet HTML 8Page - Exar Corporation SP705 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
S
SP
P7
70
05
5--S
SP
P7
70
08
8--S
SP
P8
81
13
3L
L
L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
5/17
Rev. 2.0.0
Name
Pin Number
Description
SP705-SP706
SP707-SP708
SP813L
SOIC
MSOP
SOIC
MSOP
DIP
SOIC
WDO
8
2
-
-
8
Watchdog Output
This output pulls LOW when the internal watchdog timer
finishes its 1.6s count and does not go HIGH again until the
watchdog is cleared. WDO also goes LOW during low-line
conditions. Whenever VCC is below the reset threshold, WDO
stays LOW. However, unlike RESET, WDO does not have a
minimum pulse width. As soon as VCC is above the reset
threshold, WDO goes HIGH with no delay.
RESET
-
-
8
2
7
Active-HIGH RESET Output
This output is the complement of RESET. Whenever RESET is
HIGH, RESET is LOW and vice-versa. Note that the SP813L
has a reset output only.
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
SP705CN-L
0°C≤TA≤+70°C
SP705C
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP705CN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP705EN-L
-40°C≤TA≤+85°C
SP705E
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP705EN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP705CU-L
0°C≤TA≤+70°C
705C
#
YWW
8-pin MSOP
Bulk
Lead Free
SP705CU-L/TR
0°C≤TA≤+70°C
8-pin MSOP 2.5K/Tape & Reel Lead Free
SP706CN-L
0°C≤TA≤+70°C
SP706C
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP706CN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP706EN-L
-40°C≤TA≤+85°C
SP706E
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP706EN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP706CU-L
0°C≤TA≤+70°C
706C
#
YWW
8-pin MSOP
Bulk
Lead Free
SP706CU-L/TR
0°C≤TA≤+70°C
8-pin MSOP 2.5K/Tape & Reel Lead Free
SP707CN-L
0°C≤TA≤+70°C
SP707C
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP707CN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP707EN-L
-40°C≤TA≤+85°C
SP707E
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP707EN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP707CU-L
0°C≤TA≤+70°C
707C
#
YWW
8-pin MSOP
Bulk
Lead Free
SP707CU-L/TR
0°C≤TA≤+70°C
8-pin MSOP 2.5K/Tape & Reel Lead Free
SP708CN-L
0°C≤TA≤+70°C
SP708C
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP708CN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP708EN-L
-40°C≤TA≤+85°C
SP708E
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP708EN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP813LCN-L
0°C≤TA≤+70°C
SP813LC
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP813LCN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP813LEN-L
-40°C≤TA≤+85°C
SP813LE
YYWWL
#
8-pin NSOIC
Bulk
Lead Free
SP813LEN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP813LCP-L
0°C≤TA≤+70°C
SP813LC
YWWL#
8-pin PDIP
Bulk
Lead Free
SP813LEP-L
-40°C≤TA≤+85°C
SP813LE
YWWL#
8-pin PDIP
Bulk
Lead Free
“YY” = Year – “WW” = Work Week – “#” = Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com