Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP705 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP705
Description  Low Power Microprocessor Supervisory Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP705 Datasheet(HTML) 2 Page - Exar Corporation

  SP705 Datasheet HTML 1Page - Exar Corporation SP705 Datasheet HTML 2Page - Exar Corporation SP705 Datasheet HTML 3Page - Exar Corporation SP705 Datasheet HTML 4Page - Exar Corporation SP705 Datasheet HTML 5Page - Exar Corporation SP705 Datasheet HTML 6Page - Exar Corporation SP705 Datasheet HTML 7Page - Exar Corporation SP705 Datasheet HTML 8Page - Exar Corporation SP705 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
S
SP
P7
70
05
5--S
SP
P7
70
08
8--S
SP
P8
81
13
3L
L
L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
2/17
Rev. 2.0.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VCC .......................................................... -0.3V to 6.0V
All Other Inputs (Note 1)...................-0.3V to (VCC+0.3V)
Input Current
VCC .................................................................20mA
GND ................................................................20mA
Output Current (All outputs) ...............................20mA
ESD Rating (HBM - Human Body Model) .................... 4kV
Continuous Power Dissipation
Plastic DIP (derate 9.09mW/°C above +70°C)....727mW
SO (derate 5.88mW/°C above +70°C)...............471mW
Mini SO (derate 4.10mW/°C above +70°C) ........330mW
Storage Temperature ..............................-65°C to 160°C
Lead Temperature (Soldering, 10 sec) ....................300°C
ELECTRICAL SPECIFICATIONS
Unless otherwise indicated, VCC = 4.75V to 5.5V (SP705-SP707-SP813L), VCC = 4.50V to 5.5V (SP706-SP708), TA= TMIN to
TMAX, typical at 25°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Operating Voltage Range VCC
1.1
5.5
V
Supply Current ISUPPLY
40
60
µA
MR=VCC or floating, WDI floating
Reset Threshold
4.50
4.65
4.75
V
SP705, SP707, SP813L
4.25
4.40
4.50
SP706, SP708 (Note 2)
Reset Threshold Hysteresis
40
mV
Note 2
Reset Pulse Width tRS
140
200
280
ms
Note 2
RESET Output Voltage
VCC-1.5
V
ISOURCE=800µA, Note 2
0.8
ISOURCE=4µA, VCC=1.1V, Note 2
0.4
ISINK=3.2mA, Note 2
0.3
ISINK=100µA, VCC=1.2V, Note 2
Watchdog Timeout Period tWD
1.00
1.60
2.25
s
SP705, SP707, SP813L
WDI Pulse Width tWP
1
µs
VIL=0.4V, VIH=0.8xVCC
WDI Input Threshold Low
0.8
V
SP705, SP707, SP813L
VCC=5V
WDI Input Threshold High
3.5
V
WDI Input Current
30
75
µA
SP705, SP707, SP813L, WDI=VCC
-75
-20
µA
SP705, SP707, SP813L, WDI=0V
WDO Output Voltage
VCC-1.5
V
ISOURCE=800µA
0.4
ISINK=3.2mA
MR Pull-up Current
100
250
600
µA
MR = 0V
MR Pulse Width tMR
150
ns
MR Input Threshold Low
0.8
V
MR Input Threshold High
2.0
MR to Reset Out Delay tMD
250
ns
Note 2
PFI Input Threshold
1.20
1.25
1.30
V
VCC=5V
PFI Input Current
-25.00
0.01
25.00
nA
PFO Output Voltage
VCC-1.5
V
ISOURCE=800µA
0.4
ISINK=3.2mA
Note 1: The input voltage limits on PFI and MR can be exceeded if the input current is less than 10mA.
Note 2: Applies to both RESET in the SP705-SP708 and RESET in the SP707/708/813L/813M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com