Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6121 Datasheet(PDF) 21 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 21 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 17Page - Sipex Corporation SP6121 Datasheet HTML 18Page - Sipex Corporation SP6121 Datasheet HTML 19Page - Sipex Corporation SP6121 Datasheet HTML 20Page - Sipex Corporation SP6121 Datasheet HTML 21Page - Sipex Corporation SP6121 Datasheet HTML 22Page - Sipex Corporation SP6121 Datasheet HTML 23Page - Sipex Corporation SP6121 Datasheet HTML 24Page - Sipex Corporation SP6121 Datasheet HTML 25Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Nov 28 06 AppNote: SP6121 as a Synchronous Buck-Boost LED Driver
© 2006 Sipex Corporation
Page 1
Introduction
The SP6121 is a 500kHz PWM controller with input voltage range from 3.0V to
5.5V. This is ideal for drawing power out of a one-cell Li Ion battery which varies
from 3.4V to 4.3V. The requirement for this application is to provide a maximum
1.5A regulated current into a K2 Lumileds LUXEON® LED.
The topology used here is a “non-inverting Cuk boost/buck”. The circuit will also
use an external amplifier for converting the current sensing (ILED) into the
appropriate
voltage
level
requested
by
the
SP6121
to
regulate
properly.
Principle of Operation
The simplified form of a boost buck converter is shown below. The converter can
be separated into two cells, a boost cell made out of S1 and L1 and a buck cell
around S2 and L2. S1 and S2 are controlled out of phase. Phase 1 is S1 closed
Li Ion Battery
[3.4V – 4.3V]
LUXEON® K2
1.5A Max [3.4 < VF > 4.0V]
High Efficiency
Buck/Boost
Converter w/
Output Current
Regulation
Li Ion Battery
[3.4V – 4.3V]
SP6121 PWM
Controller
Current
Sensing
Amplifier
Boost / Buck
Cells
Over
Voltage
Protection
K2
Solved by
TM
APPLICATION NOTE ANP13
Applying the SP6121 as a SynchronousBuck-Boost 1.5A K2
LUXEON Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com