Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6121 Datasheet(PDF) 29 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 29 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 25Page - Sipex Corporation SP6121 Datasheet HTML 26Page - Sipex Corporation SP6121 Datasheet HTML 27Page - Sipex Corporation SP6121 Datasheet HTML 28Page - Sipex Corporation SP6121 Datasheet HTML 29Page - Sipex Corporation SP6121 Datasheet HTML 30Page - Sipex Corporation SP6121 Datasheet HTML 31Page - Sipex Corporation SP6121 Datasheet HTML 32Page - Sipex Corporation SP6121 Datasheet HTML 33Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Mar29-06
SP6121 Buck/Boost Circuit for LED Driver up to 1.5A
Copyright ©2006
Page 1 of 4
Sipex Corporation
SP6121 Buck/Boost Circuit for LED Driver up to 1.5A
Date: March 29, 2006
Designed by:
Brian Kennedy
Part Number: SP6121CN
Application Description: Provide high output current from 3Vin to 5Vin
Electrical Requirements:
Input Voltage
3.0V – 5.0V
Output Voltage
~3.9V (LED VF + 0.15V Vref)
Output Current
up to 1.5A
Circuit Description:
This circuit has been designed to provide 3Vin to 5Vin boost to White LEDs at
approximately 4V output at 1.5Amps. High efficiency and 3-5Volt input dictated
the choice of the controller and external components. In order to reduce the
reference voltage to a low 150mV and improve efficiency, an additional IC op
amp (LMV321) was used to amplify the reference to 1.2V feedback voltage. The
SP6121 is the synchronous buck controller that is being used as a buck/boost
DC/DC controller. A P-channel MOSFET and N-channel MOSFET are used for
higher efficiency in this synchronous SEPIC buck-boost configuration. The high
switching frequency (500 kHz) allows the use of small, mutually-coupled 4.7uH
inductors.
This report includes the application schematic complete with component part
numbers and figures 1-11 illustrating electrical performance of the design.
Design Solution 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com