Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6121 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6121 Datasheet HTML 1Page - Sipex Corporation SP6121 Datasheet HTML 2Page - Sipex Corporation SP6121 Datasheet HTML 3Page - Sipex Corporation SP6121 Datasheet HTML 4Page - Sipex Corporation SP6121 Datasheet HTML 5Page - Sipex Corporation SP6121 Datasheet HTML 6Page - Sipex Corporation SP6121 Datasheet HTML 7Page - Sipex Corporation SP6121 Datasheet HTML 8Page - Sipex Corporation SP6121 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Date: 11/29/04
SP6121 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
3
PIN DESCRIPTION
PIN NO.
PIN NAME DESCRIPTION
1VCC
Positive input supply for the control circuitry and gate drivers. Properly bypass this pin
to GND with a low ESL/ESR ceramic capacitor.
2
GND
Ground pin. Both power and control circuitry of the IC is referenced to this pin.
3VFB
Feedback Voltage Pin. It is the inverting input of the Error Amplifier and serves as the
output voltage feedback point for the buck converter. The output voltage is sensed and
can be adjusted through an external resistor divider.
4
COMP
Output of the Error Amplifier. It is internally connected to the non-inverting input of the
PWM comparator. A lead-lag network is typically connected to the COMP pin to
compensate the feedback loop in order to optimize the dynamic performance of the
voltage mode control loop. Sleep mode can be invoked by pulling the COMP pin below
0.2V with an external open-drain or open-collector transistor. Supply current is reduced
to 25µA (typical) in shutdown. An internal 5µA pull-up ensures start-up.
5ISENSE
Current Limit Sense pin. Connect this pin to the switching node at the junction between
the two external power MOSFET transistors. This pin monitors the voltage dropped
across the RDS(ON) of the high side P-channel MOSFET while it is conducting. When
this drop exceeds the sum of the voltage programmed through the ISET pin plus the
internal 160mV threshold, the overcurrent comparator sets the fault latch and termi-
nates the output pulses. The controller stops switching and goes through a hiccup
sequence. This prevents excessive power dissipation in the external power MOSFETs
during an overload condition. An internal delay circuit prevents that very short and mild
overload conditions, that could occur during a load transient, activate the current limit
circuit.
6ISET
Current Limit Threshold pin. An external resistor connected between this pin and the
source of the high side P-channel MOSFET adds to the internal current limit threshold
of 160mV. If a current limit threshold in excess of 160mV is required, the external
programming resistor can properly be chosen based on the internal 30µA pull down
current available on the ISET pin. Both this 30µA current source and the 160mV built-in
current limit threshold have a positive temperature coefficient to provide first order
correction for the temperature coefficient of the external P-channel MOSFET’s RDS(ON).
7
NDRV
High current driver output for the low side MOSFET switch. It is always low if PDRV is
low or during a fault.
8
PDRV
High current driver output for the high side MOSFET switch. It is always high if NDRV
is high or during a fault.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: 0°C < TA < 70°C, 3.0V < VCC < 5.5V, CCOMP = 22nF, CPDRV = CNDRV = 3.3nF, VFB = 1.25V, ISET = ISENSE = VCC, GND=0V
PARAMETER
MIN
TYP
MAX
UNITS CONDITIONS
SOFT START, SHUTDOWN, UVLO: continued
Shutdown Threshold Voltage
0.2
0.3
0.4
V
Measured at COMP Pin
Shutdown Input Pull-up Current
5
µA
COMP = 0.2V, Measured at COMP pin
V
CC Start Threshold
2.69
2.79
2.89
V
V
CC Stop Threshold
2.59
2.69
2.79
V
V
CC Hysteresis
-
100
-
mV
GATE DRIVERS
PDRV Rise Time
-
40
110
ns
V
CC > 4.5V
PDRV Fall Time
-
40
110
ns
V
CC > 4.5V
NDRV Rise Time
-
40
110
ns
V
CC > 4.5V
PDRV Fall Time
-
40
110
ns
V
CC > 4.5V
PDRV to NDRV Non-Overlap Time
80
ns
V
CC > 4.5V
NDRV to PDRV Non-Overlap Time
50
ns
V
CC > 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com