Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20003
Description  Integrated Step-Down Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20003 Datasheet HTML 1Page - Maxim Integrated Products MAX20003 Datasheet HTML 2Page - Maxim Integrated Products MAX20003 Datasheet HTML 3Page - Maxim Integrated Products MAX20003 Datasheet HTML 4Page - Maxim Integrated Products MAX20003 Datasheet HTML 5Page - Maxim Integrated Products MAX20003 Datasheet HTML 6Page - Maxim Integrated Products MAX20003 Datasheet HTML 7Page - Maxim Integrated Products MAX20003 Datasheet HTML 8Page - Maxim Integrated Products MAX20003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX20002/MAX20003 are small, synchronous
buck converters with integrated high-side and low-side
MOSFETs. Each device is designed to deliver up to 2A/3A
with input voltages from 3.5V to 36V, while using only
15µA quiescent current at no load. Voltage quality can be
monitored by observing the PGOOD signal. The devices
can operate in dropout by running at 98% duty cycle,
making them ideal for automotive applications.
The devices offer fixed output voltages of 5V/3.3V, along
with the ability to program the output voltage between 1V
to 10V. Frequency can be programmed using a resistor
to ground on the FOSC pin from 220kHz to 2.2MHz. The
devices offer a forced fixed-frequency mode and skip
mode with ultra-low quiescent current of 15µA. They have
a pin that can be programmed to turn on/off the spread
spectrum, further helping systems designers with better
EMC management.
The MAX20002/MAX20003 are available in a small 5mm x
5mm 20-pin TQFN package with exposed pad and use very
few external components.
Applications
● Point-of-Load Applications in Automotive
● Distributed DC Power Systems
● Navigation and Radio Head Units
Benefits and Features
● Operating VIN Range of 3.5V to 36V
● 42V Load-Dump Protection
● 15µA Quiescent Current When in Standby Mode
● Synchronous DC-DC Converter with Integrated FETs
• MAX20002 = 2A
• MAX20003 = 3A
● 220kHz to 2.2MHz Adjustable Frequency
● Spread-Spectrum Control with a Pin
● Short-Circuit, Thermal Protections
● Fixed 8ms Internal Soft-Start
● Programmable 1V to 10V Output for the Buck or
Fixed 5V/3.3V Options Available
● 99% Duty-Cycle Operation with Low Dropout
● Fixed Output Voltage with ±2% Output Accuracy
(5V/3.3V) or Externally Resistor Adjustable (1V to 10V)
with ±1% FB Accuracy
● PGOOD Output and High-Voltage EN Input
● -40°C to +125°C Automotive Temperature Range
● AEC-Q100 Qualified
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/MAX20002.related.
19-7311; Rev 1; 5/14
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
EVALUATION KIT AVAILABLE


Similar Part No. - MAX20003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20003ATPA MAXIM-MAX20003ATPA Datasheet
579Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
Rev 5; 4/16
MAX20003ATPA/V+ MAXIM-MAX20003ATPA/V+ Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
MAX20003ATPA/VY+ MAXIM-MAX20003ATPA/VY+ Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
MAX20003ATPB MAXIM-MAX20003ATPB Datasheet
579Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
Rev 5; 4/16
MAX20003ATPB/V+ MAXIM-MAX20003ATPB/V+ Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results

Similar Description - MAX20003

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
Dual 1A Step-Down Converters
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
logo
Richtek Technology Corp...
RT9511 RICHTEK-RT9511 Datasheet
525Kb / 24P
Fully Integrated Battery Charger with Two Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
Step-Down DC-DC Converters
Rev 1; 10/13
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
Step-Down DC-DC Converters
Rev 2; 12/13
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
Step-Down Converters
LM53602-Q1 TI1-LM53602-Q1 Datasheet
1Mb / 40P
Step-Down Converters
logo
Maxim Integrated Produc...
MAX20004E MAXIM-MAX20004E Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20733 MAXIM-MAX20733 Datasheet
967Kb / 26P
Integrated, Step-Down Switching Regulator
2016
MAX20735 MAXIM-MAX20735 Datasheet
1Mb / 26P
Integrated, Step-Down Switching Regulator
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com