Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5658-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # 2SC5658-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC5658-HF Datasheet(HTML) 5 Page - Comchip Technology

  2SC5658-HF Datasheet HTML 1Page - Comchip Technology 2SC5658-HF Datasheet HTML 2Page - Comchip Technology 2SC5658-HF Datasheet HTML 3Page - Comchip Technology 2SC5658-HF Datasheet HTML 4Page - Comchip Technology 2SC5658-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part Number
2SC5658-HF
Rank
BQ
Marking Code
Suggested PAD Layout
SIZE
(inch)
0.003
(mm)
0.70
0.65
0.65
0.026
0.026
SOT-723
0.55
0.022
E
0.30
0.012
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
8,000
SOT-723
Reel Size
(inch)
7
A
B
C
D
Page 5
QW-JTR07
REV: A
Comchip
S M D D i o d e S p e c i a l i s t
General Purpose Transistor
XX
3
1
2
xx = Product type marking code
B
H
C
D
A
G
E
I
0.80
0.35
0.031
0.014
0.90
0.035
I
0.35
0.014
F
G
H
Marking Code
Q
R
S
BR
BS
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com