Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5658-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # 2SC5658-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC5658-HF Datasheet(HTML) 1 Page - Comchip Technology

  2SC5658-HF Datasheet HTML 1Page - Comchip Technology 2SC5658-HF Datasheet HTML 2Page - Comchip Technology 2SC5658-HF Datasheet HTML 3Page - Comchip Technology 2SC5658-HF Datasheet HTML 4Page - Comchip Technology 2SC5658-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
QW-JTR07
Page 1
REV: A
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-Base breakdown voltage
0.1
IC =50μA , IE=0
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-Emitter saturation voltage
Transition frequency
IC =1mA , IB=0
IE =50μA , IC=0
VCB=60V , IE=0
VEB=7V , IC=0
VCE=6V , IC=1mA
IC=50mA , IB=5mA
VCE=12V , IC=2mA
f=100MHZ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE
VCE(sat)
fT
50
60
7
0.1
120
0.4
V
V
V
µA
µA
V
MHZ
Output capacitance
Cob
VCB=12V , IE=0
f=1MHZ
pF
3.5
560
Typ
180
Comchip
S M D D i o d e S p e c i a l i s t
General Purpose Transistor
Features
-Low Cob.
Symbol
Parameter
Value
Unit
Absolute Maximum Ratings (at TA=25°C )
Collector-Base voltage
150
Collector-Emitter voltage
Emitter-Base voltage
Collector dissipation
Collector current- continuous
Junction temperature
VCBO
VCEO
VEBO
IC
PC
TJ
50
60
7
100
150
V
V
V
mA
µA
µA
Storage temperature
TSTG
-55 ~ +150
µA
2SC5658-HF (NPN)
RoHS Device
R
Rank
Q
S
Range
120~270
180~390
270~560
Dimensions in inches and (millimeter)
SOT-723
0.049(1.25)
0.045(1.15)
0.011(0.270)
0.007(0.170)
0.015(0.370)
0.011(0.270)
0.033(0.850)
0.030(0.750)
0.006(0.15)
Max.
0.006(0.15)
Max.
0.002(0.050)
Max.
0.020(0.50)
Max.
1
2
3
Mechanical data
-Case: SOT-723, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
Circuit diagram
3
1
2
-1.BASE
-2.EMITTER
-3.COLLECTOR
0.031(0.800)
Typ.
0.049(1.250)
0.045(1.150)
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.


Similar Part No. - 2SC5658-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
2SC5658-HF COMCHIP-2SC5658-HF Datasheet
98Kb / 5P
General Purpose Transistor
logo
Infineon Technologies A...
2SC5658-HF INFINEON-2SC5658-HF Datasheet
98Kb / 5P
General Purpose Transistor
REV: A
logo
Comchip Technology
2SC5658-HF COMCHIP-2SC5658-HF_15 Datasheet
98Kb / 5P
General Purpose Transistor
More results

Similar Description - 2SC5658-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com